Electronic Components Datasheet Search
  English  ▼

X  

LM4701 Datasheet(PDF) 3 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4701
Description  LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4701 Datasheet(HTML) 3 Page - National Semiconductor (TI)

  LM4701 Datasheet HTML 1Page - National Semiconductor (TI) LM4701 Datasheet HTML 2Page - National Semiconductor (TI) LM4701 Datasheet HTML 3Page - National Semiconductor (TI) LM4701 Datasheet HTML 4Page - National Semiconductor (TI) LM4701 Datasheet HTML 5Page - National Semiconductor (TI) LM4701 Datasheet HTML 6Page - National Semiconductor (TI) LM4701 Datasheet HTML 7Page - National Semiconductor (TI) LM4701 Datasheet HTML 8Page - National Semiconductor (TI) LM4701 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 15 page
background image
Electrical Characteristics (Continued)
(Notes 4, 5) The following specifications are for V
CC = +28V, VEE = −28V with RL = 8Ω, unless otherwise specified. Limits ap-
ply for T
A = 25˚C.
Symbol
Parameter
Conditions
LM4701
Units
(Limits)
Typical
Limit
(Note 9)
(Note 10)
CMRR (Note
2)
Common Mode Rejection Ratio
V
CC = 35V to 10V, VEE = −10V to −35V,
110
80
dB (min)
V
CM = 10V to −10V, IO = 0mA
A
VOL (Note 2)
Open Loop Voltage Gain
R
L = 2kΩ, ∆VO = 30V
110
90
dB (min)
GBWP
Gain-Bandwidth Product
f
O = 100 kHz, VIN = 50 mVrms
7.5
5
MHz (min)
e
IN
Input Noise
IHF — A Weighting Filter
2.0
8
µV (max)
(Note 3)
R
IN = 600Ω (Input Referred)
SNR
Signal-to-Noise Ratio
P
O = 1W, A-Weighted,
98
dB
Measured at 1 kHz, R
S = 25Ω
P
O = 25W, A-Weighted
108
dB
Measured at 1 kHz, R
S = 25Ω
Note 1: Operation is guaranteed up to 64V, however, distortion may be introduced from SPiKe Protection Circuitry if proper thermal considerations are not taken into
account. Refer to the Application Information section for a complete explanation.
Note 2: DC Electrical Test; Refer to Test Circuit #1.
Note 3: AC Electrical Test; Refer to Test Circuit #2.
Note 4: All voltages are measured with respect to the GND (pin 7), unless otherwise specified.
Note 5: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is func-
tional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which guar-
antee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit is
given, however, the typical value is a good indication of device performance.
Note 6: For operating at case temperatures above 25˚C, the device must be derated based on a 150˚C maximum junction temperature and a thermal resistance of
θJC = 1.8 ˚C/W (junction to case). Refer to the section, Determining the Correct Heat Sink, in the Application Information section.
Note 7: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 8: The operating junction temperature maximum is 150˚C, however, the instantaneous Safe Operating Area temperature is 250˚C.
Note 9: Typicals are measured at 25˚C and represent the parametric norm.
Note 10: Limits are guarantees that all parts are tested in production to meet the stated values.
Note 11: VEE must have at least −9V at its pin with reference to ground in order for the under-voltage protection circuitry to be disabled. In addition, the voltage dif-
ferential between VCC and VEE must be greater than 14V.
Note 12: The output dropout voltage, VOD, is the supply voltage minus the clipping voltage. Refer to the Clipping Voltage vs. Supply Voltage graph in the Typical Per-
formance Characteristics section.
Note 13: Fora4
Ω load, and with ±20V supplies, the LM4701 can deliver typically 22 Watts of continuous average power per channel with less than 0.1% (THD+N).
With supplies above ±20V, the LM4701 cannot deliver more than 22 watts into 4
Ω due to current limiting of the output transistors. Thus, increasing the power supply
above ±20V will only increase the internal power dissipation, not the possible output power. Increased power dissipation will require a larger heat sink as explained
in the Application Information section.
www.national.com
3



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com