Electronic Components Datasheet Search
  English  ▼

X  

LM4701 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # LM4701
Description  LM4701 Overture??Audio Power Amplifier Series 30W Audio Power Amplifier with Mute and Standby Modes
PDF  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4701 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4701 Datasheet HTML 7Page - National Semiconductor (TI) LM4701 Datasheet HTML 8Page - National Semiconductor (TI) LM4701 Datasheet HTML 9Page - National Semiconductor (TI) LM4701 Datasheet HTML 10Page - National Semiconductor (TI) LM4701 Datasheet HTML 11Page - National Semiconductor (TI) LM4701 Datasheet HTML 12Page - National Semiconductor (TI) LM4701 Datasheet HTML 13Page - National Semiconductor (TI) LM4701 Datasheet HTML 14Page - National Semiconductor (TI) LM4701 Datasheet HTML 15Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 14 / 15 page
background image
Application Information (Continued)
point is 0.17 dB down from passband response which is bet-
ter than the required ±0.25 dB specified. This fact results in
a low and high frequency pole of 4 Hz and 100 kHz respec-
tively. As stated in the External Components section, R
I in
conjunction with C
I create a high-pass filter.
C
I ≥ 1/(2π * 1kΩ * 4 Hz) = 39.8 µF;
use 39 µF.
The high frequency pole is determined by the product of the
desired high frequency pole, f
H, and the gain, AV. With a AV
= 21 and f
H = 100 kHz, the resulting GBWP of 2.1 MHz is
less than the minimum GBWP of 5 MHz for the LM4701. This
will ensure that the high frequency response of the amplifier
will be no worse than 0.17 dB down at 20 kHz which is well
within the bandwidth requirements of the design.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com