Electronic Components Datasheet Search
  English  ▼

X  

LMH6 Datasheet(PDF) 2 Page - Cree, Inc

Part # LMH6
Description  LED Module with Cree TrueWhite Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH6 Datasheet(HTML) 2 Page - Cree, Inc

  LMH6 Datasheet HTML 1Page - Cree, Inc LMH6 Datasheet HTML 2Page - Cree, Inc LMH6 Datasheet HTML 3Page - Cree, Inc LMH6 Datasheet HTML 4Page - Cree, Inc LMH6 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2
CLM-DS04-LMH6 Rev 0C
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/modules
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document
is subject to change without notice. Cree® , Cree TrueWhite® Technology and TrueWhite®
are registered trademarks and the Cree logo is a trademark of Cree, Inc. ENERGY STAR®
is a registered trademark of the U.S. Environmental Protection Agency.
Characteristics
The following table provides several base order codes for the Cree LED Module LMH6, as well as a description of the
order-code nomenclature.
CCT
(K)*
Nominal
Luminous
Flux (lm)
CRI
Input
Power
(W)
Input Voltage
(V)/Freq (Hz)**
Power
Factor
Dimming
Order Code
4000
2000
>90
27
230/50
>.90
DALI
LMH060-2000-40F9-20200TW
4000
2900
>90
37
230/50
>.90
DALI
LMH060-2900-40F9-20200TW
3000
2000
>90
27
230/50
>.90
DALI
LMH060-2000-30F9-20200TW
3000
2900
>90
37
230/50
>.90
DALI
LMH060-2900-30F9-20200TW
4000
2000
>90
27
230/50
>.90
1–10 V
LMH060-2000-40F9-20300TW
4000
2900
>90
37
230/50
>.90
1–10 V
LMH060-2900-40F9-20300TW
3000
2000
>90
27
230/50
>.90
1–10 V
LMH060-2000-30F9-20300TW
3000
2900
>90
37
230/50
>.90
1–10 V
LMH060-2900-30F9-20300TW
* Refer to section below on chromaticity for more details
** Input range is 220–240 V / 50–60 Hz
Note: Cree maintains a tolerance of +/- 7% on flux and power measurements
Form Factor - Light Engine
units = mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com