Electronic Components Datasheet Search
  English  ▼

X  

LMH6 Datasheet(PDF) 4 Page - Cree, Inc

Part # LMH6
Description  LED Module with Cree TrueWhite Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH6 Datasheet(HTML) 4 Page - Cree, Inc

  LMH6 Datasheet HTML 1Page - Cree, Inc LMH6 Datasheet HTML 2Page - Cree, Inc LMH6 Datasheet HTML 3Page - Cree, Inc LMH6 Datasheet HTML 4Page - Cree, Inc LMH6 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
CLM-DS04-LMH6 Rev 0C
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/modules
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document
is subject to change without notice. Cree® , Cree TrueWhite® Technology and TrueWhite®
are registered trademarks and the Cree logo is a trademark of Cree, Inc. ENERGY STAR®
is a registered trademark of the U.S. Environmental Protection Agency.
Photometry
The following photometry results are design values. Absolute photometric testing at independent testing labs can be
expected to vary by ± 7%.
Candela Table
Angle
LMH060-2900 LMH060-2000
0
1266
987
5
1261
979
15
1220
933
25
1119
847
35
950
704
45
783
520
55
488
333
65
242
127
75
74
55
85
7
3
90
1
1
Zonal Lumens Summary
LMH060-2900
Zone
Lumens
% Lamp
% Fixt
0-30
979
-
34
0-40
1572
-
54
0-60
2574
-
88
0-90
2916
-
100
0-180
2916
-
100
Zonal Lumens Summary
LMH060-2000
Zone
Lumens
% Lamp
% Fixt
0-30
745
-
35
0-40
1184
-
57
0-60
1885
-
90
0-90
2074
-
100
0-180
2074
-
100



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com