Electronic Components Datasheet Search
  English  ▼

X  

LMH6 Datasheet(PDF) 3 Page - Cree, Inc

Part # LMH6
Description  LED Module with Cree TrueWhite Technology
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

LMH6 Datasheet(HTML) 3 Page - Cree, Inc

  LMH6 Datasheet HTML 1Page - Cree, Inc LMH6 Datasheet HTML 2Page - Cree, Inc LMH6 Datasheet HTML 3Page - Cree, Inc LMH6 Datasheet HTML 4Page - Cree, Inc LMH6 Datasheet HTML 5Page - Cree, Inc  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
3
CLM-DS04-LMH6 Rev 0C
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
www.cree.com/modules
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document
is subject to change without notice. Cree® , Cree TrueWhite® Technology and TrueWhite®
are registered trademarks and the Cree logo is a trademark of Cree, Inc. ENERGY STAR®
is a registered trademark of the U.S. Environmental Protection Agency.
Form Factor - Power Supply
Thermal Management Guidelines
Acceptable ambient starting and operating temperatures of the
Cree LED Module LMH6 are between 0°C and 40°C. (The lifetime
and performance estimates described in this document require
that the Tc limit stated in this Thermal Management Guidelines
section is adhered to and only the modifications described in this
document are implemented.)
The Cree LED Module LMH6 is designed to perform in a variety of
non-IC environments; however, the LED module lifetime is highly
dependent upon the Tc (case temperature). To achieve lifetime
and performance estimates and to maintain the warranty, the final
design cannot exceed 70°C at thermal equilibrium, based on the
Tc point (shown in the figure on the right) where the thermocouple
is placed and tested in situ.
Tc LOCATION
units = mm



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com