Electronic Components Datasheet Search
  English  ▼

X  

ML-C Datasheet(PDF) 2 Page - Cree, Inc

Part # ML-C
Description  XLamp LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

ML-C Datasheet(HTML) 2 Page - Cree, Inc

  ML-C Datasheet HTML 1Page - Cree, Inc ML-C Datasheet HTML 2Page - Cree, Inc ML-C Datasheet HTML 3Page - Cree, Inc ML-C Datasheet HTML 4Page - Cree, Inc ML-C Datasheet HTML 5Page - Cree, Inc ML-C Datasheet HTML 6Page - Cree, Inc ML-C Datasheet HTML 7Page - Cree, Inc ML-C Datasheet HTML 8Page - Cree, Inc ML-C Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 19 page
background image
22
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
2
XLamp® mL-C LED
ChArACtEristiCs (t
J = 25 °C)
Characteristics
unit
Minimum
typical
Maximum
Thermal resistance, junction to solder point
°C/W
13
viewing angle (FWHM) - white
degrees
120
viewing angle (FWHM) - royal blue
degrees
125
Temperature coefficient of voltage - parallel
mv/°C
-3.4
Temperature coefficient of voltage - series
mv/°C
-6.8
Temperature coefficient of voltage - royal blue
mv/°C
-3.4
ESD classification (HBM per Mil-Std-883D) - parallel
Class 2
ESD withstand voltage (HBM per Mil-Std-883D) - series
v
8000
DC forward current - parallel
mA
350
DC forward current - series
mA
175
DC forward current - royal blue
mA
250
Reverse voltage
v
-5
Forward voltage (@ 100 mA) - parallel
v
3.2
3.4
Forward voltage (@ 50 mA) - series
v
6.4
7.0
Forward voltage (@ 100 mA) - royal blue
v
3.2
3.4
LeD junction temperature
°C
150



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com