Electronic Components Datasheet Search
  English  ▼

X  

ML-C Datasheet(PDF) 4 Page - Cree, Inc

Part # ML-C
Description  XLamp LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

ML-C Datasheet(HTML) 4 Page - Cree, Inc

  ML-C Datasheet HTML 1Page - Cree, Inc ML-C Datasheet HTML 2Page - Cree, Inc ML-C Datasheet HTML 3Page - Cree, Inc ML-C Datasheet HTML 4Page - Cree, Inc ML-C Datasheet HTML 5Page - Cree, Inc ML-C Datasheet HTML 6Page - Cree, Inc ML-C Datasheet HTML 7Page - Cree, Inc ML-C Datasheet HTML 8Page - Cree, Inc ML-C Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 19 page
background image
44
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are registered trademarks and the Cree logo is a trademark of
Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
4
XLamp® mL-C LED
Notes:
• Cree maintains a tolerance of ±7% on flux and power measurements, ±0.005 on chromaticity (CCx, CCy) measurements and ±2 on CRI
measurements. See the Measurements section (page 15).
• Typical CRI for Cool White (4300 K – 8300 K CCT) is 75.
• Typical CRI for Warm White (2600 K – 4300 K CCT) is 80.
• Minimum CRI for 80-CRI White is 80.
• Minimum CRI for 85-CRI White is 85.
• Minimum CRI for 90-CRI White is 90
* Calculated flux values are for reference only.
FLuX ChArACtEristiCs - ML-C sEriEs WhitE (t
J = 25 °C)
The following table provides several base order codes for XLamp ML-C LEDs. It is important to note that the base order codes listed
here are a subset of the total available order codes for the product family. For more order codes, as well as a complete description of the
order-code nomenclature, please consult the XLamp ML Family LED Binning and Labeling document.
Color
CCt range
Minimum Luminous Flux
(lm) @ 50 mA
Calculated Min.
Luminous Flux (lm) @
150 mA *
order Code
Minimum
Maximum
Group
Flux (lm)
Cool White
5000 K
8300 K
K2
30.6
63.1
MLCSWT-A1-0000-000051
J3
26.8
55.2
MLCSWT-A1-0000-000X51
80-CRI
Cool White
6000 K
7000 K
K2
30.6
63.1
MLCSWT-H1-0000-0000e1
J3
26.8
55.2
MLCSWT-H1-0000-000Xe1
4750 K
5250 K
K2
30.6
63.1
MLCSWT-H1-0000-0000e3
J3
26.8
55.2
MLCSWT-H1-0000-000Xe3
Warm White
3700 K
4300 K
K2
30.6
63.1
MLCSWT-A1-0000-0000e5
J3
26.8
55.2
MLCSWT-A1-0000-000Xe5
2800 K
3200 K
K2
30.6
63.1
MLCSWT-A1-0000-0000e7
J3
26.8
55.2
MLCSWT-A1-0000-000Xe7
80-CRI
Warm White
3700 K
4300 K
J3
26.8
55.2
MLCSWT-H1-0000-000Xe5
2800 K
3200 K
J2
23.5
48.4
MLCSWT-H1-0000-000We7
85-CRI
Warm White
3700 K
4300 K
J3
26.8
55.2
MLCSWT-P1-0000-000Xe5
2800 K
3200 K
J2
23.5
48.4
MLCSWT-P1-0000-000We7
90-CRI
Warm White
3700 K
4300 K
H0
18.1
37.3
MLCSWT-U1-0000-000ve5
2800 K
3200 K
J2
23.5
48.4
MLCSWT-U1-0000-000We7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com