Electronic Components Datasheet Search
  English  ▼

X  

ML-C Datasheet(PDF) 1 Page - Cree, Inc

Part # ML-C
Description  XLamp LEDs
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CREE [Cree, Inc]
Direct Link  http://www.cree.com/
Logo CREE - Cree, Inc

ML-C Datasheet(HTML) 1 Page - Cree, Inc

  ML-C Datasheet HTML 1Page - Cree, Inc ML-C Datasheet HTML 2Page - Cree, Inc ML-C Datasheet HTML 3Page - Cree, Inc ML-C Datasheet HTML 4Page - Cree, Inc ML-C Datasheet HTML 5Page - Cree, Inc ML-C Datasheet HTML 6Page - Cree, Inc ML-C Datasheet HTML 7Page - Cree, Inc ML-C Datasheet HTML 8Page - Cree, Inc ML-C Datasheet HTML 9Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
11
Product family data sheet
Copyright © 2011-2016 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree® and XLamp® are
registered trademarks and the Cree logo is a trademark of Cree, Inc. UL® and the UR logo are registered trademarks of UL LLC.
Cree, Inc.
4600 Silicon Drive
Durham, NC 27703
USA Tel: +1.919.313.5300
Cree® XLamp® ML-C LEDs
ProDuCt DEsCriPtion
The Cree XLamp® ML-C LeD brings
lighting-classreliabilityandperformance
to 1/3-watt LeDs. The XLamp ML-C LeD
expands Cree’s lighting-class leadership
to LeD bulbs and linear and distributed
lighting applications. With XLamp
LeD lighting-class reliability, a wide
viewing angle, uniform light output, and
industry-leading chromaticity binning in
a 3.5-mm X 3.5-mm package, the XLamp
ML-C LeD continues Cree’s history of
segment-focused product innovation in
LeDs for lighting applications.
The XLamp ML-C LeD brings high
performance and a smooth look to a
wide range of lighting applications,
including linear lighting, fluorescent
retrofits and retail-display lighting.
FEAturEs
• Available in white (2600 K to 8300 K
CCT), 80-, 85- and 90-CRI minimum
and royal blue
• White LeDs available in both parallel
and series
• ANSI-compatible sub-bins
• Maximum drive current: 350 mA for
parallel, 175 mA for series, 250 mA
for royal blue
• 120° viewing angle, uniform
chromaticity profile
• electrically neutral thermal path
• RoHS and ReACh compliant
• UL® recognized component
(E349212)
tAbLE oF ContEnts
Characteristics ............................................2
Flux Characteristics ....................................3
Relative Spectral Power Distribution .........6
Relative Luminous Flux vs. Junction
Temperature ................................................7
Relative Radiant Flux vs. Junction
Temperature ................................................7
electrical Characteristics............................8
Relative Luminous Flux vs. Current............9
Relative Radiant Flux vs. Current ............ 10
Typical Spatial Distribution...................... 11
Thermal Design........................................ 12
Reflow Soldering Characteristics............ 14
Notes ........................................................ 15
Mechanical Dimensions .......................... 17
Tape and Reel........................................... 18
Packaging................................................. 19


Similar Part No. - ML-C

ManufacturerPart #DatasheetDescription
logo
SHIELD s.r.l.
ML-CD SHIELD-ML-CD Datasheet
72Kb / 1P
Can Open, UL - PUR
ML-CD4 SHIELD-ML-CD4 Datasheet
72Kb / 1P
Can Open, UL - PUR
ML-CD42-02AC5 SHIELD-ML-CD42-02AC5 Datasheet
72Kb / 1P
Can Open, UL - PUR
ML-CD42-04AC5 SHIELD-ML-CD42-04AC5 Datasheet
72Kb / 1P
Can Open, UL - PUR
ML-CD43-02AC5 SHIELD-ML-CD43-02AC5 Datasheet
72Kb / 1P
Can Open, UL - PUR
More results

Similar Description - ML-C

ManufacturerPart #DatasheetDescription
logo
Cree, Inc
XBDAWT-00-0000-000000E51 CREE-XBDAWT-00-0000-000000E51 Datasheet
1Mb / 17P
XLAMP XB-D LEDS
Rev 8A
XPEBWT-L1-0000-00C51 CREE-XPEBWT-L1-0000-00C51_14 Datasheet
1Mb / 17P
XLamp XP-E2 LEDs
Rev 5
XQEAWT-00-0000-00000LEE1 CREE-XQEAWT-00-0000-00000LEE1 Datasheet
1Mb / 16P
XLamp XQ-E LEDs
Rev 1
MK-R2 CREE-MK-R2 Datasheet
1Mb / 14P
XLamp LEDs
Rev 2E
MT-G CREE-MT-G Datasheet
1Mb / 18P
XLamp EasyWhite LEDs
Rev 9D
MT-G2 CREE-MT-G2 Datasheet
1Mb / 19P
XLamp EasyWhite LEDs
Rev 3F
MX-3 CREE-MX-3 Datasheet
1Mb / 11P
XLamp LEDs
Rev 6D
XHP50.2 CREE-XHP50.2 Datasheet
1Mb / 25P
XLamp XHP50.2 LEDs
Rev 0A
XHP50 CREE-XHP50 Datasheet
2Mb / 33P
XLamp XHP50 LEDs
Rev 1G
XHP70 CREE-XHP70 Datasheet
1Mb / 31P
XLamp XHP70 LEDs
Rev 1G
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com