Electronic Components Datasheet Search
  English  ▼

X  

SI3240C Datasheet(PDF) 4 Page - List of Unclassifed Manufacturers

Part # SI3240C
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3240C Datasheet(HTML) 4 Page - List of Unclassifed Manufacturers

  SI3240C Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
38
a. Part Number
b. Lot Number
Pin Arrangement
q GND
w VC
e VO
r VOS
t VIN
Plastic Mold Package Type
Flammability: UL94V-0
Weight: Approx. 2.3g
IBlock Diagram
SI-3000C
IStandard External Circuit
C0
: Output capacitor (47 to 100
µF)
*1 C1
: Oscillation prevention capacitor
C2
(C1: Approx. 47
µF, C2: 0.33µF)
These capacitors are required if the input line is inductive
and in the case of long wiring. Tantalum capacitors are rec-
ommended for C1 and C0, particularly at low temperatures.
*2 D1
: Protection diode
This diode is required for protection against reverse biasing
of the input and output. Sanken EU2Z is recommended.
IExternal Dimensions
1
2
5
3
4
MIC
Tr1
Equivalent
to LS-TTL
D1
C0
C2
C1
DC Input
DC Output
VIN
VO
GND
GND
5
SI-3000C
OPEN
2
3
4
1
*1
*2
++
(unit:mm)
GSI-3000C Series
10.0
±0.2
4.2
±0.2
0.95
±0.15
8.2±0.7
2.6±0.1
3.9±0.7
(4.3)
0.85
+0.2
–0.1
0.45
+0.2
–0.1
3.2±0.2
12 3 4 5
P1.7±0.7
×4=6.8±0.7
2.8
±0.2
φ
Forming No. 1101
a
b



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com