Electronic Components Datasheet Search
  English  ▼

X  

SI3240C Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SI3240C
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3240C Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SI3240C Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
35
Unit
V
V
A
W
W
°C
°C
°C
°C/W
°C/W
Symbol
VIN
VC
IO
PD1
PD2
Tj
Top
Tstg
Rth(j-c)
Rth(j-a)
IFeatures
• Compact full-mold package (equivalent to TO220)
• Output current: 1.5A
• Low dropout voltage: VDIF
≤1V (at IO=1.5A)
• Variable output voltage (rise only)
May be used for remote sensing
• Output ON/OFF control terminal is compatible with LS-TTL.
(It may be directly driven by LS-TTL or standard CMOS logic.)
• Built-in foldback overcurrent (SI-3033C: Drooping type overcurrent),
overvoltage, thermal protection circuits
IApplications
• For stabilization of the secondary stage of switching power supplies
• Electronic equipment
IAbsolute Maximum Ratings
(Ta=25
°C)
SI-3000C Series
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
Ratings
SI-3033C
SI-3050C/3090C SI-3120C/3150C
SI-3240C
20
35
35
45
VIN
1.5*2
18(With infinite heatsink)
1.5(Without heatsink, stand-alone operation)
–40 to +125
–30 to +100
–40 to +125
5.5
66.7(Without heatsink, stand-alone operation)
GSI-3000C Series
Parameter
DC Input Voltage
Voltage of Output Control Terminal
DC Output Current
Power Dissipation
Junction Temperature
Ambient Operating Temperature
Storage Temperature
Thermal Resistance (junction to case)
Thermal Resistance (junction to ambient air)


Similar Part No. - SI3240C

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI3241 SILABS-SI3241 Datasheet
213Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
SI3245 SILABS-SI3245 Datasheet
208Kb / 2P
Quad ProSLIC짰 Programmable CMOS SLIC/Codec
More results

Similar Description - SI3240C

ManufacturerPart #DatasheetDescription
logo
Sanken electric
SI-3000B SANKEN-SI-3000B Datasheet
46Kb / 5P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000C SANKEN-SI-3000C Datasheet
59Kb / 7P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000F SANKEN-SI-3000F Datasheet
61Kb / 6P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000J SANKEN-SI-3000J Datasheet
52Kb / 6P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000N SANKEN-SI-3000N Datasheet
37Kb / 4P
3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3000R SANKEN-SI-3000R Datasheet
45Kb / 5P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type with Reset Function
SI-3001N SANKEN-SI-3001N Datasheet
39Kb / 4P
3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3002N SANKEN-SI-3002N Datasheet
36Kb / 4P
3-Terminal, Full-Mold, Low Dropout Voltage Dropper Type
SI-3050F SANKEN-SI-3050F Datasheet
61Kb / 6P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
SI-3157B SANKEN-SI-3157B Datasheet
46Kb / 5P
5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com