Electronic Components Datasheet Search
  English  ▼

X  

SI3240C Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # SI3240C
Description  5-Terminal, Multi-Function, Full-Mold, Low Dropout Voltage Dropper Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SI3240C Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

  SI3240C Datasheet HTML 1Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 2Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 3Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 4Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 5Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 6Page - List of Unclassifed Manufacturers SI3240C Datasheet HTML 7Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
41
ITypical Characteristics
IO vs. VDIF Characteristics
Temperature Coefficient of Output Voltage(SI-3050C)
Circuit Current(SI-3050C)
Output Voltage(SI-3033C)
Output Voltage(SI-3050C)
Output Voltage(SI-3240C)
Overcurrent Protection Characteristics(SI-3033C)
Overcurrent ProtectionCharacteristics(SI-3050C)
Overcurrent Protection Characteristics(SI-3240C)
ON/OFF Control Characteristics(SI-3050C)
Thermal ProtectionCharacteristics(SI-3050C)
–40 –20
0
20
40
60
80
100 120 140
5.08
5.06
5.04
5.02
5.00
4.98
4.96
Ambient Temperature Ta (
°C)
VIN=8V
lO=0A
VO=5V
0
1.0
2.0
3.0
4.0
6
5
4
3
2
1
0
Output Current lO (A)
0
0.5
1.0
1.5
2.0
2.5
3.0
5
4
3
2
1
0
Output Current IO (A)
5V
6V
8V
0
1.0
2.0
3.0
4.0
6
5
4
3
2
1
0
Output ON/OFF Control Voltage (V)
VIN=8V
lO=1A
off
on
20
60
100
140
180
6
5
4
3
2
1
0
Case Temperature TC (
°C)
VIN=8V
lO=10mA
(Ta=25
°C)
GSI-3000C Series
Note on Thermal Protection:
The thermal protection circuit is intended for
protection against heat during instantaneous
short-circuiting. Its operation is not guaran-
teed for continuous heating condition such
as short-circuiting over extended periods of
time.
0
0.5
1.0
1.5
0.8
0.6
0.4
0.2
0
Output Current lO (A)
02
4
6
8
10
50
40
30
20
10
0
Input Voltage VIN (V)
VO=5V
IO=1.5A
1.0A
0.5A
0A
0
1
234
5
6
5
4
3
2
1
0
Input Voltage VIN (V)
1A
1.5A
0.5A
0
123
4
5
6
7
7
6
5
4
3
2
1
0
Input Voltage VIN (V)
1.5A
lO
=0A
0.5A
1A
010
20
30
40
30
25
20
15
10
5
0
Input Voltage VIN (V)
lO=0A
0.5A
1A
1.5A
0
1.0
2.0
3.0
4.0
25
20
15
10
5
0
Output Current lO (A)
27V



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com