Electronic Components Datasheet Search
  English  ▼

X  

SSD1812 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # SSD1812
Description  LCD Segment / Common Driver with Controller CMOS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1812 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button SSD1812 Datasheet HTML 4Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 5Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 6Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 7Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 8Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 9Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 10Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 11Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 28 page
background image
SSD1812
8
REV 1.2
12/99
SOLOMON
MAXIMUM RATINGS* (Voltages Referenced to VSS, TA=25°C)
Symbol
Parameter
Value
Unit
VDD
Supply Voltage
-0.3 to +4.0
V
VEE
-4.0 to -12.0
V
Vin
Input Voltage
VSS-0.3 to VDD+0.3
V
I
Current Drain Per Pin Excluding VDD and
VSS
25
mA
TA
Operating Temperature
-30 to +85
°C
Tstg
Storage Temperature Range
-65 to +150
°C
* Maximum Ratings are those values beyond which damage to the device may occur. Functional
operation should be restricted to the limits in the Electrical Characteristics tables or Pin Descrip-
tion section.
This device contains circuitry to protect the inputs
against damage due to high static voltages or elec-
tric fields; however, it is advised that normal precau-
tions to be taken to avoid application of any voltage
higher than maximum rated voltages to this high
impedance circuit. For proper operation it is recom-
mended that Vin and Vout be constrained to the
range VSS < or = (Vin or Vout) < or = VDD. Reliability
of operation is enhanced if unused input are con-
nected to an appropriate logic voltage level (e.g.,
either VSS or VDD). Unused outputs must be left
open. This device may be light sensitive. Caution
should be taken to avoid exposure of this device to
any light source during normal operation. This
device is not radiation protected.
ELECTRICAL CHARACTERISTICS (Voltage Referenced to VSS, VDD=1.8 to 3.5V, TA=25°C; unless otherwise specified.)
Symbol
Parameter
Test Condition
Min
Typ
Max
Unit
VDD
Logic Circuit Supply Voltage Range
Voltage Generator Circuit Supply Voltage Range
Recommend Operating Voltage
Possible Operating Voltage
2.4
1.8
2.7
-
3.5
3.5
V
IAC
IDP1
IDP2
ISB
ISLEEP
Access Mode Supply Current Drain (VDD Pins)
Display Mode Supply Current Drain (VDD Pins)
Display Mode Supply Current Drain (VDD Pins)
Standby Mode Supply Current Drain (VDD Pins)
Sleep Mode Supply Current Drain (VDD Pins)
VDD = 2.7V, Voltage Generator On, 4X Converter
Enabled, Write accessing, Tcyc =3.3MHz, Osc.
Freq.=31kHz, Display On.
VDD = 2.7V, VEE = -8.1V, Voltage Generator Dis-
abled, R/W(WR) Halt, Osc. Freq. = 31kHz, Display
On, VL6 - VDD = -8.1V.
VDD = 2.7V, VEE = -8.1V, Voltage Generator On, 4x
DC-DC Converter Enabled, R/W(WR) Halt, Osc.
Freq. = 31kHz, Display On, VL6 - VDD = -8.1V.
VDD=2.7V, LCD Driving Waveform Off, Osc. Freq. =
31kHz, R/W(WR) halt.
VDD = 2.7V, LCD Driving Waveform Off, Oscillator
Off, R/W(WR) halt.
-
-
-
-
-
300
120
150
3.5
0.2
TBD
TBD
TBD
10
5
µA
µA
µA
µA
µA
VEE
VLCD
LCD Driving Voltage Generator Output
(VEE Pin)
LCD Driving Voltage Input (VEE Pin)
Display On, Voltage Generator Enabled,
DC/DC Converter Enabled, Osc. Freq.=31KHz,
Regulator Enabled, Divider Enabled.
Voltage Generator Disabled.
-12.0
-12.0
-
-
-1.8
-1.8
V
V
VOH1
VOL1
VL6
VL6
Output High Voltage
(D0-D7)
Output Low Voltage
(D0-D7)
LCD Driving Voltage Source (VL6 Pin)
LCD Driving Voltage Source (VL6 Pin)
Iout=100µA
Iout=100µA
Regulator Enabled (VL6 voltage depends on Int/Ext
Contrast Control)
Regulator Disable
0.9*VDD
0
VEE-0.5
-
-
-
-
Floating
VDD
0.1*VDD
VDD
-
V
V
V
V



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com