Electronic Components Datasheet Search
  English  ▼

X  

SSD1812 Datasheet(PDF) 17 Page - List of Unclassifed Manufacturers

Part # SSD1812
Description  LCD Segment / Common Driver with Controller CMOS
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SSD1812 Datasheet(HTML) 17 Page - List of Unclassifed Manufacturers

Back Button SSD1812 Datasheet HTML 13Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 14Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 15Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 16Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 17Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 18Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 19Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 20Page - List of Unclassifed Manufacturers SSD1812 Datasheet HTML 21Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 28 page
background image
SOLOMON
SSD1812
17
REV 1.2
12/99
Oscillation Circuit
enable
OSC1
OSC2
Internal pwell resistor
Oscillator enable
Buffer
enable
(CLS)
(CL)
Figure 6. Oscillator Circuitry
LCD Driving Voltage Generator and Regulator
This module generates the LCD voltage needed for display output.
It takes a single supply input and generate necessary bias voltages.
It consists of:
1. 2X, 3X and 4X DC-DC voltage converter
Please refer to application notes.
2. Voltage Regulator (Voltages referenced to VDD)
Feedback gain control for initial LCD voltage. External resistors
are connected between VDD and VF, and between VF and VL6.
These resistors are chosen to give the desired VL6 according to
the following equation:
VL6 = (1 + R2/R1)Vref
where Vref is the internally generated reference voltage with a
known R1 and R2, and Vref can be calculated by a measured VL6.
R1 and R2 are the resistance values of the resistors between VDD
and VF, and VF and VL6, respectively.
3. Smart Bias Divider
Divide the regulator output to give the LCD driving voltages (VL2 -
VL5). This is a low power consumption circuit which saves most of
the display current.
4. Contrast Control (Voltages referenced to VDD)
Software control of 64 voltage levels of LCD voltage.
5. Bias Ratio Selection circuitry
Software control of 1/6 and 1/8 bias ratio to match the characteris-
tic of LCD panel. In addition, 1/4, 1/5, 1/7 and 1/9 bias ratios are
software selectable for any mux application.
6. Self adjust temperature compensation circuitry
Provide 8 different compensation grade selections to satisfy the
various liquid crystal temperature grades. The grading can be
selected by software control. Defaulted temperature coefficient
(TC) value is -0.05%/oC.
187 Bit Latch
A register carries the display signal information. In 132 X 55 display
mode. Data will be fed to the HV-buffer Cell and level-shifted to the
required level.
Level Selector
Level Selector is a control of the display synchronization. Display
voltage can be separated into two sets and used with different
cycles. Synchronization is important since it selects the required LCD
voltage level to the HV Buffer Cell, which in turn outputs the COM or
SEG LCD waveform.
HV Buffer Cell (Level Shifter)
HV Buffer Cell works as a level shifter which translates the low
voltage output signal to the required driving voltage. The output is
shifted out with an internal FRM clock which comes from the Display
Timing Generator. The voltage levels are given by the level selector
which is synchronized with the internal M signal.
Reset Circuit
When RES input is low, the chip is initialized with the following sta-
tus:
1. Display is OFF
2. 132x48 [Not included ICONS line] Display Mode
3. Normal segment and display data column address mapping
(SEG0 mapped to address 00H)
4. Read-modify-write mode is OFF
5. Power control register is set at 000B.
6. Shift register data clear in serial interface
7. Bias ratio is set at 1/8
8. Static indicator is OFF
9. Display start line is set at display RAM address 0
10. Column address counter is set at 0
11. Page address is set at 0
12. Normal scan direction of the COM outputs
13. Internal Regulator Resistor Ratio at 4
14. Contrast control register is set at 20H
15. Test mode is OFF
16. Temperature Coefficient is set to PTC0
Oscillator Circuit
This module is an On-Chip low power RC oscillator circuitry
(Figure 6). The oscillator generates the clock for the DC-DC voltage
converter. This clock is also used in the Display Timing Generator.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com