Electronic Components Datasheet Search
  English  ▼

X  

ST7066 Datasheet(PDF) 23 Page - List of Unclassifed Manufacturers

Part # ST7066
Description  Dot Matrix LCD Controller/Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST7066 Datasheet(HTML) 23 Page - List of Unclassifed Manufacturers

Back Button ST7066 Datasheet HTML 19Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 20Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 21Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 22Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 23Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 24Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 25Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 26Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 27Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 29 page
background image
ST7066
V1.2
2000/6/13
23
Absolute Maximum Ratings
Characteristics
Symbol
Value
Power Supply Voltage
VCC
-0.3V to +7.0V
LCD Driver Voltage
VLCD
-0.3V to +13.0V
Input Voltage
VIN
-0.3V to VCC+0.3V
Operating Temperature
TA
-20
oC to +70oC
Storage Temperature
TSTO
-55
oC to +125oC
DC Characteristics (TA = 25
oC, V
CC = 2.7V - 5.5V)
Symbol
Characteristics
Test Condition
Min.
Typ.
Max.
Unit
VCC
Operating Voltage
-
2.7
-
5.5
V
VLCD
LCD Voltage
VCC-V5
3.0
-
11
V
ICC
Power Supply Current fOSC = 270KHz, VCC=5V
-
0.3
0.6
mA
VIH1
Input High Voltage
(Except OSC1)
-
2.2
-
VCC
V
VIL1
Input Low Voltage
(Except OSC1)
-
-0.3
-
0.6
V
VIH2
Input High Voltage
(OSC1)
-
VCC-1
-
VCC
V
VIL2
Input Low Voltage
(OSC2)
-
-
-
1.0
V
VOH1
Output High Voltage
(DB0 - DB7)
IOH = -0.1mA
2.4
-
VCC
V
VOL1
Output Low Voltage
(DB0 - DB7)
IOL = 0.1mA
-
-
0.4
V
VOH2
Output High Voltage
(Except DB0 - DB7)
IOH = -0.04mA
0.9VCC
-
VCC
V
VOL2
Output Low Voltage
(Except DB0 - DB7)
IOL = 0.04mA
-
-
0.1VCC
V
RCOM
Common Resistance
VLCD = 4V, Id = 0.05mA
-
2
20
K
Ω
RSEG
Segment Resistance
VLCD = 4V, Id = 0.05mA
-
2
30
K
Ω
ILEAK
Input Leakage
Current
VIN = 0V to VCC
-1
-
1
µA
IPUP
Pull Up MOS Current
VCC = 5V
10
50
120
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com