Electronic Components Datasheet Search
  English  ▼

X  

ST7066 Datasheet(PDF) 20 Page - List of Unclassifed Manufacturers

Part # ST7066
Description  Dot Matrix LCD Controller/Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST7066 Datasheet(HTML) 20 Page - List of Unclassifed Manufacturers

Back Button ST7066 Datasheet HTML 16Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 17Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 18Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 19Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 20Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 21Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 22Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 23Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 24Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 29 page
background image
ST7066
V1.2
2000/6/13
20
4-bit Interface:
Power On
Wait time > 15ms
After Vcc > 4.5V
0
0
0
0
1
1
Wait time > 4.1ms
0
0
0
0
1
1
Wait time > 100us
0
0
0
0
1
1
0
0
0
0
1
0
0
0
0
0
N
F
Initialization End
BF cannot be checked
before the Instruction
Function set
BF cannot be checked
before the Instruction
Function set
BF cannot be checked
before the Instruction
Function set
BF can be checked after
the following
Instructions
Function Set
Display Off
Display Clear
Entry mode
set
RS RW D7 D6 D5 D4
0
0
0
0
1
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
1
0
0
0
0
0
0
0
0
0
1 I/D S



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com