Electronic Components Datasheet Search
  English  ▼

X  

ST7066 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # ST7066
Description  Dot Matrix LCD Controller/Driver
PDF  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

ST7066 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button ST7066 Datasheet HTML 2Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 3Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 4Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 5Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 6Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 7Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 8Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 9Page - List of Unclassifed Manufacturers ST7066 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
ST7066
V1.2
2000/6/13
6
FUNCTION DESCRIPTION
System Interface
This chip has all two kinds of interface type with MPU : 4-bit bus and 8-bit bus. 4-bit bus or 8-bit bus is selected by DL
bit in the instruction register.
During read or write operation, two 8-bit registers are used. One is data register (DR), the other is instruction
register(IR).
The data register(DR) is used as temporary data storage place for being written into or read from DDRAM/CGRAM,
target RAM is selected by RAM address setting instruction. Each internal operation, reading from or writing into
RAM, is done automatically. So to speak, after MPU reads DR data, the data in the next DDRAM/CGRAM address is
transferred into DR automatically. Also after MPU writes data to DR, the data in DR is transferred into
DDRAM/CGRAM automatically.
The Instruction register(IR) is used only to store instruction code transferred from MPU. MPU cannot use it to read
instruction data.
To select register, use RS input pin in 4-bit/8-bit bus mode.
Table 1. Various kinds of operations according to RS and R/W bits.
RS
RW
Operation
L
L
Instruction Write operation (MPU writes Instruction code
into IR)
L
H
Read Busy Flag(DB7) and address counter (DB0 ~ DB6)
H
L
Data Write operation (MPU writes data into DR)
H
H
Data Read operation (MPU reads data from DR)
Busy Flag (BF)
When BF = "High”, it indicates that the internal operation is being processed. So during this time the next instruction
cannot be accepted. BF can be read, when RS = Low and R/W = High (Read Instruction Operation), through DB7
port. Before executing the next instruction, be sure that BF is not High.
Address Counter (AC)
Address Counter(AC) stores DDRAM/CGRAM address, transferred from IR.
After writing into (reading from) DDRAM/CGRAM, AC is automatically increased (decreased) by 1.
When RS = "Low" and R/W = "High", AC can be read through DB0 ~ DB6 ports.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com