Electronic Components Datasheet Search
  English  ▼

X  

SY171 Datasheet(PDF) 3 Page - Omron Electronics LLC

Part # SY171
Description  Compact Reflective Phototransistor Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SY171 Datasheet(HTML) 3 Page - Omron Electronics LLC

  SY171 Datasheet HTML 1Page - Omron Electronics LLC SY171 Datasheet HTML 2Page - Omron Electronics LLC SY171 Datasheet HTML 3Page - Omron Electronics LLC SY171 Datasheet HTML 4Page - Omron Electronics LLC SY171 Datasheet HTML 5Page - Omron Electronics LLC SY171 Datasheet HTML 6Page - Omron Electronics LLC SY171 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 3 / 7 page
background image
EE-SY110/113/171
EE-SY110/113/171
 INPUT/OUTPUT CHARACTERISTICS (TYPICAL)
EE-SY110
Forward current IF (mA)
EE-SY171
Forward current IF (mA)
TA =25 °C
VCE =10 V
Sensing object: Paper with
a reflection factor of 90%
Sensing distance: 5 mm
Sensing object: White paper
with a reflection factor of 90%
Sensing distance: 5 mm
VCE =10 V
 OUTPUT CHARACTERISTICS (TYPICAL)
EE-SY110
EE-SY171
Collector-emitter voltage VCE (V)
IF =30 mA
IF =20 mA
IF =10 mA
White paper (reflection
factor: 90%)
Sensing distance:5 mm
IF =40 mA
Collector-emitter voltage VCE (V)
IF =40 mA
IF =30 mA
IF =20 mA
IF =10 mA
Sensing object: Paper with
a reflection factor of 90%
Sensing distance: 3.5 mm
TA =25 °C
 LIGHT CURRENT TEMPERATURE DEPENDENCY (TYPICAL)
EE-SY110/113
EE-SY171
Ambient temperature TA (°C)
Basedonthe IL value
at 25
°C as 100%.
Sensing object: White
paper with a reflection
factor of 90%
Ambient temperature TA (°C)
Sensing object: Paper with a reflection
factor of 90%
IF =20 mA
VCE =10 V
Sending distance: 3.5 mm
IF =20 mA
VCE =10 V
Sending distance: 5 mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com