Electronic Components Datasheet Search
  English  ▼

X  

SY171 Datasheet(PDF) 6 Page - Omron Electronics LLC

Part # SY171
Description  Compact Reflective Phototransistor Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SY171 Datasheet(HTML) 6 Page - Omron Electronics LLC

  SY171 Datasheet HTML 1Page - Omron Electronics LLC SY171 Datasheet HTML 2Page - Omron Electronics LLC SY171 Datasheet HTML 3Page - Omron Electronics LLC SY171 Datasheet HTML 4Page - Omron Electronics LLC SY171 Datasheet HTML 5Page - Omron Electronics LLC SY171 Datasheet HTML 6Page - Omron Electronics LLC SY171 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
EE-SY110/113/171
EE-SY110/113/171
Dimensions
Unit: mm (inch)
 EE-SY171
14
4.2
E
3
2.5
15
3
1
K
A
C
5.5
Two, 2 dia.
Two, 1.2 dia.
Anode mark
0
° to 30°
Four, 0.5
Four, 0.25
Internal Circuit
(All Models)
Terminal No.
Name
A
Anode
K
Cathode
C
Collector
E
Emitter
A
K
C
E
 EE-SY113
12
0.7
6.2
2.5
6
2.4
15.2
15 to 18
K
E
C
A
Four, 0.5
 EE-SY110
12
4.6
4.5
2.5
0.6
2.5
4.8
1.9
0.6
0.5
15 to 18
3
E
K
A
C
Θ =0 to 13°
15.2
±0.2
8
+0
--0.2
Four, 0.5
Four, R1.5
Four, 0.25
Θ
Θ



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com