Electronic Components Datasheet Search
  English  ▼

X  

SY171 Datasheet(PDF) 5 Page - Omron Electronics LLC

Part # SY171
Description  Compact Reflective Phototransistor Output
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OMRON [Omron Electronics LLC]
Direct Link  http://www.omron.com/index3.html
Logo OMRON - Omron Electronics LLC

SY171 Datasheet(HTML) 5 Page - Omron Electronics LLC

  SY171 Datasheet HTML 1Page - Omron Electronics LLC SY171 Datasheet HTML 2Page - Omron Electronics LLC SY171 Datasheet HTML 3Page - Omron Electronics LLC SY171 Datasheet HTML 4Page - Omron Electronics LLC SY171 Datasheet HTML 5Page - Omron Electronics LLC SY171 Datasheet HTML 6Page - Omron Electronics LLC SY171 Datasheet HTML 7Page - Omron Electronics LLC  
Zoom Inzoom in Zoom Outzoom out
 5 / 7 page
background image
EE-SY110/113/171
EE-SY110/113/171
 SWITCHING CHARACTERISTICS (RISE TIME, TYPICAL)
EE-SY110/113
Light current IL (µA)
RL =1 kΩ
RL = 470 Ω
RL=100 Ω
d
90%
10%
t
tf
0
0
Input
Output
Input
IL
RL
Vcc
OUT
TA =25 °C
VCE =10 V
RL =4.7 kΩ
EE-SY171
Light current IL (µA)
RL =4.7 kΩ
RL =1 kΩ
RL = 470 Ω
RL = 100 Ω
TA =25 °C
VCE =10 V
Sensing distance:
3.5 mm
Sensing object: Paper
with a reflection factor
of 90%
 SWITCHING CHARACTERISTICS (FALL TIME, TYPICAL)
EE-SY110/113
Light current IL (µA)
d
90%
10%
t
0
tr
0
t
RL =4.7 kΩ
RL =1 kΩ
RL = 470 Ω
RL = 100 Ω
Input
Output
Input
IL
Vcc
OUT
TA =25 °C
VCE =10 V
EE-SY171
Light current IL (µA)
RL =4.7 kΩ
RL =1 kΩ
RL = 470 Ω
RL = 100 Ω
Sensing distance: 3.5 mm
Sensing object: Paper with
a reflection factor of 90%
TA =25 °C
VCE =10 V
 SENSING ANGLE CHARACTERISTICS (TYPICAL)
EE-SY110
VCE =10 V
IF =20 mA
Sensing object:
White paper with a
reflection factor of
90%
d
0
Sensing distance: 5 mm
Angle deviation
Θ (°)
+
θ
−θ
EE-SY171
d
TA =2 5 °C
IF =20 mA
VCE =10 V
Sensing object:
Paper with a reflection
factor of 90%
0
Angle deviation
Θ (°)
+
θ
−θ
Sensing distance: 5 mm



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com