Electronic Components Datasheet Search
  English  ▼

X  

TAS5110DAP Datasheet(PDF) 1 Page - Texas Instruments

Part # TAS5110DAP
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5110DAP Datasheet(HTML) 1 Page - Texas Instruments

  TAS5110DAP Datasheet HTML 1Page - Texas Instruments TAS5110DAP Datasheet HTML 2Page - Texas Instruments TAS5110DAP Datasheet HTML 3Page - Texas Instruments TAS5110DAP Datasheet HTML 4Page - Texas Instruments TAS5110DAP Datasheet HTML 5Page - Texas Instruments TAS5110DAP Datasheet HTML 6Page - Texas Instruments TAS5110DAP Datasheet HTML 7Page - Texas Instruments TAS5110DAP Datasheet HTML 8Page - Texas Instruments TAS5110DAP Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 20 page
background image
TAS5110
SLES028A – MAY 2002 – REVISED SEPTEMBER 2002
TRUE DIGITAL AUDIO AMPLIFIER
TAS5110 PWM POWER OUTPUT STAGE
1
www.ti.com
FEATURES
D 50-W RMS Power Into 6 Ω at 10% THD
D 40-W RMS Power Into 6 Ω at 0.1% THD
D THD+N < 0.09% Typical (1-kHz Input Signal)
D 93-dB Dynamic Range (TDAA System)
D Power Efficiency > 90% Into 6-Ω and 8-Ω Load
D Low Profile, SMD 32-Pin PowerPAD Package
D Self-Protecting Design
D 3.3-V Digital Interface
D EMI Compliant When Used With
Recommended System Design
APPLICATIONS
D DVD Receiver
D Home Theater
D Mini/Micro Component Systems
D Internet Music Appliance
D Car Audio Amplifiers and Head Units
DESCRIPTION
The TAS5110 is a high-performance true digital audio
amplifier (TDAA) power stage, designed to drive 50 W
per channel. The TAS5110 incorporates TI’s equibit
t
technology and is used in conjunction with a digital
audio PWM processor (TAS50xx) to deliver high-power,
true digital audio amplification. The efficiency of this
digital amplifier can be greater than 90%, reducing the
size of both the power supplies and heat sinks needed.
The TAS5110 accepts a mono PWM 3.3-V input and
controls the switching of an internal CMOS H-bridge.
When used with the TAS50xx PWM processor, system
performance of less than 0.09% THD is attainable.
Over-current
protection,
over-temperature,
and
under-voltage protections are built into the TAS5110,
safeguarding the H-bridge and speakers against output
shorts,
over-voltage
conditions,
and
other
fault
conditions that could damage the system.
TYPICAL TDAA STEREO AUDIO SYSTEM
Digital Audio
• TAS3001
• DSP
• SPDIF
• 1394
TAS50xx
L-C
Filter
L-C
Filter
Left
Right
TAS5110
• Volume
• EQ
• DRC
• Bass
• Treble
• Serial Audio Input Port
• Internal PLL
• PCM–PWM Modulator
• Two H-Bridge Power Devices
TAS5110
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
PowerPAD and Equibit are trademarks of Texas Instruments.
Copyright
 2002, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - TAS5110DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5110 TI-TAS5110 Datasheet
245Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5110 TI-TAS5110 Datasheet
778Kb / 62P
Six Channel Digital Audio PWM Processor
TAS5110A TI-TAS5110A Datasheet
165Kb / 17P
PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5110A TI1-TAS5110A Datasheet
473Kb / 20P
PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
TAS5110ADAD TI-TAS5110ADAD Datasheet
165Kb / 17P
PurePath Digital AMPLIFIER TAS5110A 50-W DIGITAL AMPLIFIER POWER STAGE
More results

Similar Description - TAS5110DAP

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TAS5100 TI-TAS5100 Datasheet
214Kb / 16P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5101 TI-TAS5101 Datasheet
185Kb / 14P
TRUE DIGITAL STEREO AUDIO AMPLIFIER WITH PWM STEREO POWER OUTPUT STAGE
TAS5012 TI-TAS5012 Datasheet
230Kb / 18P
TRUE DIGITAL AUDIO AMPLIFIER TAS5012 DIGITAL AUDIO PWM PROCESSOR
TAS5001 TI-TAS5001_06 Datasheet
244Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5010 TI-TAS5010_06 Datasheet
262Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5012 TI-TAS5012_06 Datasheet
245Kb / 19P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5015 TI-TAS5015_06 Datasheet
273Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER DIGITAL AUDIO PWM PROCESSOR
TAS5100A TI-TAS5100A_07 Datasheet
527Kb / 20P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
TAS5001 TI-TAS5001_15 Datasheet
407Kb / 21P
TRUE DIGITAL AUDIO AMPLIFIER TAS50001 DIGITAL AUDIO PWM PROCESSOR
TAS5100 TI1-TAS5100_08 Datasheet
221Kb / 16P
TRUE DIGITAL AUDIO AMPLIFIER TAS5100A PWM POWER OUTPUT STAGE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com