Electronic Components Datasheet Search
  English  ▼

X  

TAS5110DAP Datasheet(PDF) 9 Page - Texas Instruments

Part # TAS5110DAP
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5110DAP Datasheet(HTML) 9 Page - Texas Instruments

Back Button TAS5110DAP Datasheet HTML 5Page - Texas Instruments TAS5110DAP Datasheet HTML 6Page - Texas Instruments TAS5110DAP Datasheet HTML 7Page - Texas Instruments TAS5110DAP Datasheet HTML 8Page - Texas Instruments TAS5110DAP Datasheet HTML 9Page - Texas Instruments TAS5110DAP Datasheet HTML 10Page - Texas Instruments TAS5110DAP Datasheet HTML 11Page - Texas Instruments TAS5110DAP Datasheet HTML 12Page - Texas Instruments TAS5110DAP Datasheet HTML 13Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
TAS5110
SLES028A – MAY 2002 – REVISED SEPTEMBER 2002
9
www.ti.com
device operation
power sequences
system power-up/power-down sequencing
The recommended power-up/power-down sequence is shown in Figure 3. For proper operation the RESET
signal should be kept low when both DVDD and output power (PVDDA1, PVDDA2, PVDDB1, and PVDDB2)
are being applied. The RESET signal should remain low for at least 1 ms after output power is applied.
> 1 ms
DVDD†
PWDN
PVDDA2
PVDDB2
RESET
> 1 ms
> 100
µs
> 100
µs
PVDDA1
PVDDB1
† For most applications, it is recommended that the PWDN pin be connected directly to the DVDD pin.
Figure 3. Power-Up/Power-Down Sequence
RESET function
The device is put into a reset condition when the (active low) RESET signal is asserted. While in the reset state,
the input H-bridge control signals consisting of PWM_AP, PWM_AM, PWM_BP, and PWM_BM are ignored, and
the H-bridge MOSFETs are placed in a state where OUTPUTA and OUTPUTB are both low. Asserting the
RESET signal low also causes the short circuit protection latch to be reset. The RESET signal is normally
connected to the VALID signal from the TAS50xx.
reinitialization sequence
Proper initial conditions for this device include asserting the RESET signal until the reset operation has
completed (1 ms). Additionally, when using this device with the TAS50xx controller, this function can be
accomplished by asserting the reset pin on the TAS50xx during the reset sequence (see Figure 3).
audio application considerations
optimal power transfer for H-bridge
The TAS5110 is a power H-bridge that is designed to deliver a maximum of 50 W RMS into a 6-
Ω load. In order
to achieve 50 W into 6
Ω, the system designer must provide an adequate thermal design. See the Thermal
Methodology for the 32-Pin DAD Package 50 W, 6-
Ω Test and the Thermal Methodology for the 32-Pin DAP
Package 50 W, 6-
Ω sections for a discussion of possible thermal solutions. Careful attention must be given to
the value of the high-voltage power supply level for a given load resistance. See recommended operating
conditions. See the Maximum Available Power at Common Load Impedances for Both DAP and DAD Packages
section.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com