Electronic Components Datasheet Search
  English  ▼

X  

TAS5110DAP Datasheet(PDF) 16 Page - Texas Instruments

Part # TAS5110DAP
Description  TRUE DIGITAL AUDIO AMPLIFIER TAS5110 PWM POWER OUTPUT STAGE
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TAS5110DAP Datasheet(HTML) 16 Page - Texas Instruments

Back Button TAS5110DAP Datasheet HTML 12Page - Texas Instruments TAS5110DAP Datasheet HTML 13Page - Texas Instruments TAS5110DAP Datasheet HTML 14Page - Texas Instruments TAS5110DAP Datasheet HTML 15Page - Texas Instruments TAS5110DAP Datasheet HTML 16Page - Texas Instruments TAS5110DAP Datasheet HTML 17Page - Texas Instruments TAS5110DAP Datasheet HTML 18Page - Texas Instruments TAS5110DAP Datasheet HTML 19Page - Texas Instruments TAS5110DAP Datasheet HTML 20Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 16 / 20 page
background image
TAS5110
SLES028A – MAY 2002 – REVISED SEPTEMBER 2002
16
www.ti.com
Aluminum Chassis 7.2 in x 1 in x 0.1 in Thick Sides of U-Shaped
Chassis Are 1.25 in High (3.9
°C/W)
Wakefield Type 126
Thermal Compound
(0.169
°C/W)
1.25 in
Aluminum Space Bar (1/4 in Thick)
(0.558
°C/W)
32 DAD Packages
(1.6
°C/W)
2.33 in
Stereo Amplifier Board
4-40 Machine Screws With
Star Washers
Plastic Top and Insulating
Front and Back Panels
1 mm
Wakefield Type 126
Thermal Compound
(3.2
°C/W)
Figure 8. 32-Pin DAD Package Cross-Sectional View (Front)
Thermal Methodology for the 32-Pin DAP Package 50 W, 6-
Ω Test
The thermal test for the DAP part (e.g., thermal pad soldered to the board) was conducted as shown in Figure 9
and Figure 10. The cooling approach was to conduct the dissipated heat into the via pad on the board, through
the vias in the board, and into a heat sink.
The lower via pad area, slightly larger than the IC pad itself, was exposed with a window in the solder resist on
the bottom surface of the board. It was not coated with solder during the board construction to maintain a flat
surface. In production, this could be accomplished with a peelable solder mask.
A spacer bar was used to keep the through-hole leads from shorting to the chassis. The thermal compound
indicated yielded a pad-to-spacer thermal resistance of about 3.2
_C/W.
The chassis provided the only heat sink to air and was chosen as representative of a possible cooling approach.
A plastic top and insulating front and back panels were used to ensure that only the bottom and sides of the U
shaped chassis contributed to cooling. The chassis was spaced 0.25 inch from the table to simulate a normal
chassis configuration. (Any heat sink with a thermal resistance to air of 3.9
_C/W or lower also works.) In this
test, the exposed chassis reached long-term equilibrium temperatures above 50
_C, so the approach would
have to be modified for touch temperature consideration. The chassis temperature after 10 minutes of 50 W
into 6
Ω was below 50_C.
The test ran for three hours with 2 x 50 W RMS at 1 kHz into a 6-
Ω resistive load at an ambient lab temperature
of 23
_C. No audio quality or thermal problems were encountered during that time.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com