Electronic Components Datasheet Search
  English  ▼

X  

INA139 Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # INA139
Description  High-Side Measurement Current Shunt Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA139 Datasheet(HTML) 6 Page - Texas Instruments

Back Button INA139 Datasheet HTML 2Page - Texas Instruments INA139 Datasheet HTML 3Page - Texas Instruments INA139 Datasheet HTML 4Page - Texas Instruments INA139 Datasheet HTML 5Page - Texas Instruments INA139 Datasheet HTML 6Page - Texas Instruments INA139 Datasheet HTML 7Page - Texas Instruments INA139 Datasheet HTML 8Page - Texas Instruments INA139 Datasheet HTML 9Page - Texas Instruments INA139 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 25 page
background image
100
80
60
40
20
0
0
10
20
30
40
50
Power-Supply Voltage (V)
60
70
+150°
+125°
–55°
Use the INA169 with
(V+) > 40V
+25°
2
1
0
–1
–2
0
10
20
30
40
50
Power-Supply Voltage (V)
60
70
G = 1
G = 10
G = 25
Output error is essentially
independent of both
V+ supply voltage and
input common-mode voltage.
5
0
–5
–10
–15
0
25
50
75
100
125
V
IN (mV)
150
200
–55°C
+25°C
+150°C
V
IN = (VIN+ − VIN−)
140
120
100
80
60
40
20
1
10
100
1k
10k
100k
Frequency (Hz)
G = 1
G = 10
G = 100
40
30
20
10
0
–10
–20
100
1k
10k
100k
1M
10M
Frequency (Hz)
R
L = 10kΩ
R
L = 100kΩ
R
L = 1kΩ
120
100
80
60
40
20
0
0.1
1
10
100
1k
10k
Frequency (Hz)
100k
G = 1
G = 10
G = 100
INA139, INA169
SBOS181E – DECEMBER 2000 – REVISED DECEMBER 2015
www.ti.com
6.6 Typical Characteristics
At TA = 25°C, V+ = 5 V, VIN+ = 12 V, and RL = 125 kΩ, unless otherwise noted.
Figure 2. Common-Mode Rejection vs Frequency
Figure 1. Gain vs Frequency
Figure 3. Power-Supply Rejection vs Frequency
Figure 4. Total Output Error vs VIN
Figure 5. Total Output Error vs Power-Supply Voltage
Figure 6. Quiescent Current vs Power-Supply Voltage
6
Submit Documentation Feedback
Copyright © 2000–2015, Texas Instruments Incorporated
Product Folder Links: INA139 INA169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com