Electronic Components Datasheet Search
  English  ▼

X  

INA139 Datasheet(PDF) 13 Page - Texas Instruments

Click here to check the latest version.
Part # INA139
Description  High-Side Measurement Current Shunt Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA139 Datasheet(HTML) 13 Page - Texas Instruments

Back Button INA139 Datasheet HTML 9Page - Texas Instruments INA139 Datasheet HTML 10Page - Texas Instruments INA139 Datasheet HTML 11Page - Texas Instruments INA139 Datasheet HTML 12Page - Texas Instruments INA139 Datasheet HTML 13Page - Texas Instruments INA139 Datasheet HTML 14Page - Texas Instruments INA139 Datasheet HTML 15Page - Texas Instruments INA139 Datasheet HTML 16Page - Texas Instruments INA139 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 25 page
background image
V
O
R
2
R
1
1
Gain Set by R
1 | | R2
Output Offset =
(V
R)R2
R
1 + R2
a) Using resistor divider.
V
O
R
L
1
REF200
100µA
V+
V
R
Gain Set by R
L
Output Offset = (100µA)(R
L)
(independent of V+)
b) Using current source.
INA139
3
4
INA139
3
4
40
30
20
10
0
–10
–20
100
1k
10k
100k
1M
10M
Frequency (Hz)
R
L = 10kΩ
R
L = 100kΩ
R
L = 1kΩ
INA139, INA169
www.ti.com
SBOS181E – DECEMBER 2000 – REVISED DECEMBER 2015
Typical Applications (continued)
8.2.2.3 Application Curve
Figure 13. Gain vs Frequency
8.2.3 Offsetting the Output Voltage
For many applications using only a single power supply it may be required to level shift the output voltage away
from ground when there is no load current flowing in the shunt resistor. Level shifting the output of the INA139 or
INA169 devices is easily accomplished by one of two simple methods shown in Figure 14. The method on the
left hand side of Figure 14 illustrates a simple voltage divider method. This method is useful for applications that
require the output of the INA138 or INA168 devices to remain centered with respect to the power supply at zero
load current through the shunt resistor. Using this method the gain is determine by the parallel combination of R1
and R2 while the output offset is determined by the voltage divider ratio R1 and R2. For applications that may
require a fixed value of output offset, independent of the power supply voltage, the current source method shown
on the right-hand side of Figure 14 is recommended. With this method a REF200 constant current source is used
to generate a constant output offset. Using his method the gain is determined by RL and the offset is determined
by the product of the value of the current source and RL.
Figure 14. Offsetting the Output Voltage
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
13
Product Folder Links: INA139 INA169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com