Electronic Components Datasheet Search
  English  ▼

X  

INA139 Datasheet(PDF) 17 Page - Texas Instruments

Click here to check the latest version.
Part # INA139
Description  High-Side Measurement Current Shunt Monitor
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

INA139 Datasheet(HTML) 17 Page - Texas Instruments

Back Button INA139 Datasheet HTML 13Page - Texas Instruments INA139 Datasheet HTML 14Page - Texas Instruments INA139 Datasheet HTML 15Page - Texas Instruments INA139 Datasheet HTML 16Page - Texas Instruments INA139 Datasheet HTML 17Page - Texas Instruments INA139 Datasheet HTML 18Page - Texas Instruments INA139 Datasheet HTML 19Page - Texas Instruments INA139 Datasheet HTML 20Page - Texas Instruments INA139 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 25 page
background image
OUT
V+
VIN+
VIN-
PCB pad
0.1 µF
VIA to Ground Plane
Supply Voltage
Output
PCB pad
To Bus
Voltage
To Load
RL
GND
RSHUNT
INA139
INA169
INA139, INA169
www.ti.com
SBOS181E – DECEMBER 2000 – REVISED DECEMBER 2015
10 Layout
10.1 Layout Guidelines
Figure 19 shows the basic connection of the INA139. The input pins, VIN+ and VIN–, must be connected as closely
as possible to the shunt resistor to minimize any resistance in series with the shunt resistance. The output
resistor, RL, is shown connected between pin 1 and ground. Best accuracy is achieved with the output voltage
measured directly across RL. This is especially important in high-current systems where load current could flow in
the ground connections, affecting the measurement accuracy.
No power-supply bypass capacitors are required for stability of the INA139. However, applications with noisy or
high-impedance power supplies may require decoupling capacitors to reject power-supply noise; connect the
bypass capacitors close to the device pins.
10.2 Layout Example
Figure 19. Typical Layout Example
Copyright © 2000–2015, Texas Instruments Incorporated
Submit Documentation Feedback
17
Product Folder Links: INA139 INA169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com