Electronic Components Datasheet Search
  English  ▼

X  

WT6116 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # WT6116
Description  microcontroller for digital controlled monitor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT6116 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button WT6116 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT6116 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT6116 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT6116 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT6116 Datasheet HTML 9Page - List of Unclassifed Manufacturers WT6116 Datasheet HTML 10Page - List of Unclassifed Manufacturers WT6116 Datasheet HTML 11Page - List of Unclassifed Manufacturers WT6116 Datasheet HTML 12Page - List of Unclassifed Manufacturers WT6116 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 39 page
background image
WT6132/WT6124/WT6116
Data Sheet Rev. 1.01
Weltrend Semiconductor, Inc.
Page 10
Horizontal frequency counter
A 12-bit counter is used to measure horizontal frequency. User can choose 16ms or 32ms time interval
to count pulse number of Hsync every 16.384ms or 32.768ms. For example, if QUICK bit is set, when a
16.384ms time frame begins, it resets the counter and starts counting Hsync pulses till 16ms reached,
then loads the counter value to HFREQ_H and HFREQ_L registers. If the H frequency is over 125KHz,
the H counter will stop counting and set overflow flag (HOVF ) to “1”.
The sync processor interrupt is generated every 16.384ms or 32.768ms for checking H frequency. This
interrupt will be cleared after reading the HFREQ_H register.
Fig.5 Horizontal Frequency Counter timing
Horizontal Frequency Register
Name
Addr R/W Initial
Bit 7
Bit 6
Bit 5
Bit4
Bit 3
Bit 2
Bit 1
Bit 0
HFREQ_L 0008h
R
xxh
HLVL
HINPOL
--
HFL4
HFL3
HFL2
HFL1
HFL0
HFREQ_H 0009h
R
xxh
HOVF
HFH6
HFH5
HFH4
HFH3
HFH2
HFH1
HFH0
Bit Name
Description
HLVL
“1” : Indicates Hsync pin is high level.
“0” : Indicates Hsync pin is low level.
HINPOL
“1” : Indicates Hsync input is positive polarity.
“0” : Indicates Hsync input is negative polarity.
HOVF
Indicates H counter is overflowed (over 125KHz) when this bit is set.
HFH6 …HFH0 Indicates the Hsync frequency in kHz.
HFL4 … HFL0 When QUICK=”0”, HFL4 ~ HFL0 indicates the Hsync frequency in 31.25Hz unit.
When QUICK=”1”, HFL4 ~ HFL1 indicates the Hsync frequency in 62.5Hz.
Example of Hsync Frequency Calculation
QUICK=”1”
QUICK=”0”
HFH6..0
HFL4..0
Max. Freq
Min. Freq
HFH6..0
HFL4..0
Max. Freq
Min. Freq
$40h
$00000b
64.0313KHz 63.9687KHz
$40h
$0000xb
64.0625KHz 63.9375KHz
$40h
$00001b
64.0625KHz 64.0000KHz
$40h
$00010b
64.0938KHz 64.0312KHz
$40h
$0001xb
64.1250KHz 64.0000KHz
$40h
$00011b
64.1250KHz 64.0625KHz
$51h
$10000b
81.5313KHz 81.4687KHz
$51h
$1000xb
81.5625KHz 81.4375KHz
$51h
$10001b
81.5625KHz 81.5000KHz
$51h
$10010b
81.5938KHz 81.5312KHz
$51h
$1001xb
81.6250KHz 81.5000KHz
$51h
$10011b
81.6250KHz 81.5625KHz
Hfreq Counter
Enable
16.384/32.768
16/32 ms
Hsync
Hfreq Counter
Clock
Interrupt



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com