Electronic Components Datasheet Search
  English  ▼

X  

WT6116 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # WT6116
Description  microcontroller for digital controlled monitor
PDF  39 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

WT6116 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  WT6116 Datasheet HTML 1Page - List of Unclassifed Manufacturers WT6116 Datasheet HTML 2Page - List of Unclassifed Manufacturers WT6116 Datasheet HTML 3Page - List of Unclassifed Manufacturers WT6116 Datasheet HTML 4Page - List of Unclassifed Manufacturers WT6116 Datasheet HTML 5Page - List of Unclassifed Manufacturers WT6116 Datasheet HTML 6Page - List of Unclassifed Manufacturers WT6116 Datasheet HTML 7Page - List of Unclassifed Manufacturers WT6116 Datasheet HTML 8Page - List of Unclassifed Manufacturers WT6116 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 39 page
background image
WT6132/WT6124/WT6116
Data Sheet Rev. 1.01
Weltrend Semiconductor, Inc.
Page 3
PIN DESCRIPTION
Pin No.
42
40
Pin Name
I/O
Description
1
-
NC
No connection.
2
1
PWM2
O
PWM2 output (10V open-drain).
3
2
PWM1
O
PWM1 output (5V open-drain).
4
3
PWM0
O
PWM0 output (5V open-drain).
5
4
/RESET
I
Reset input.
6
5
VDD
+5V power supply.
7
6
GND
Ground.
8
7
OSCO
I/O
12MHz oscillator output.
9
8
OSCI
I
12MHz oscillator input.
10
9
PB5/ SDA2
I/O
Port B5 or I
2C interface data line.
11
10
PB4/ SCL2
I/O
Port B4 or I
2C interface clock line.
12
11
PB3/PAT
I/O
Port B3 or test pattern output
13
12
PB2
I/O
Port B2.
14
13
PB1/HFI
I/O
Port B1 or half frequency divider input.
15
14
PB0/HFO
I/O
Port B0 or half frequency divider output.
16
15
/IRQ
I
Interrupt request input, A low level on this can generate interrupt.
17
16
PC7/SOGIN
I/O
Port C7 or Sync on Green input.
18
17
PC6
I/O
Port C6.
19
18
PC5
I/O
Port C5.
20
19
PC4
I/O
Port C4.
21
20
PC3/AD3
I/O
Port C3 or ADC input 3.
22
21
PC2/AD2
I/O
Port C2 or ADC input 2.
23
22
PC1/AD1
I/O
Port C1 or ADC input 1.
24
23
PC0/AD0
I/O
Port C0 or ADC input 0.
25
24
PA0/SDA1
I/O
Port A0 or DDC interface SDA pin.
26
25
PA1/SCL1
I/O
Port A1 or DDC interface SCL pin.
27
26
PA2/PWM8
I/O
Port A2 or PWM8 output.
28
27
PA3/PWM9
I/O
Port A3 or PWM9 output.
29
28
PA4/PWM10
I/O
Port A4 or PWM10 output.
30
29
PA5/PWM11
I/O
Port A5 or PWM11 output.
31
30
PA6/PWM12
I/O
Port A6 or PWM12 output.
32
31
PA7/PWM13/
CLAMP
I/O
Port A7 or PWM13 output or clamp pulse output.
33
32
PD0/VOUT
I/O
Port D0 or Vsync output.
34
33
PD1/HOUT
I/O
Port D1 or Hsync output.
35
34
PD2/PWM7
I/O
Port D2 or PWM7 output.
36
35
PD3/PWM6
I/O
Port D3 or PWM6 output.
37
36
PD4/PWM5
I/O
Port D4 or PWM5 output.
38
37
PD5/PWM4
I/O
Port D5 or PWM4 output.
39
38
PWM3
I/O
PWM3 output (10V open-drain).
40
39
HIN
I
Hsync Input.
41
40
VIN
I
Vsync input.
42
-
NC
No connection.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com