Electronic Components Datasheet Search
  English  ▼

X  

AD9363 Datasheet(PDF) 4 Page - Analog Devices

Part # AD9363
Description  Radio frequency (RF) 2 횞 2 transceiver with integrated 12-bit DACs and ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9363 Datasheet(HTML) 4 Page - Analog Devices

  AD9363 Datasheet HTML 1Page - Analog Devices AD9363 Datasheet HTML 2Page - Analog Devices AD9363 Datasheet HTML 3Page - Analog Devices AD9363 Datasheet HTML 4Page - Analog Devices AD9363 Datasheet HTML 5Page - Analog Devices AD9363 Datasheet HTML 6Page - Analog Devices AD9363 Datasheet HTML 7Page - Analog Devices AD9363 Datasheet HTML 8Page - Analog Devices AD9363 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
AD9363
Data Sheet
Rev. D | Page 4 of 32
Parameter1
Symbol
Min
Typ
Max
Unit
Test Conditions/Comments
RX2x_x to RX1x_x Isolation
RX2A_x to RX1A_x, RX2C_x to RX1C_x
65
dB
RX2B_x to RX1B_x
50
dB
RECEIVERS, 3.5 GHz
Noise Figure
NF
3.3
dB
Maximum Rx gain
Third-Order Input Intermodulation
Intercept Point
IIP3
−15
dBm
Maximum Rx gain
Second-Order Input Intermodulation
Intercept Point
IIP2
44
dBm
Maximum Rx gain
Local Oscillator (LO) Leakage
−100
dBm
At Rx front-end input
Quadrature
Gain Error
0.2
%
Phase Error
0.2
Degrees
Modulation Accuracy (EVM)
−34
dB
40 MHz reference clock
Input Return Loss
S11
−10
dB
RX1x_x to RX2x_x Isolation
RX1A_x to RX2A_x, RX1C_x to RX2C_x
60
dB
RX1B_x to RX2B_x
48
dB
RX2x_x to RX1x_x Isolation
RX2A_x to RX1A_x, RX2C_x to RX1C_x
60
dB
RX2B_x to RX1B_x
48
dB
TRANSMITTERS, GENERAL
Center Frequency
325
3800
MHz
Tx Bandwidth
20
MHz
Power Control Range
90
dB
Power Control Resolution
0.25
dB
TRANSMITTERS, 800 MHz
Output Return Loss
S22
−10
dB
Maximum Output Power
8
dBm
1 MHz tone into 50 Ω load
Modulation Accuracy (EVM)
−34
dB
19.2 MHz reference clock
Third-Order Output Intermodulation
Intercept Point
OIP3
23
dBm
Carrier Leakage
−50
dBc
0 dB attenuation
−32
dBc
40 dB attenuation
Noise Floor
−157
dBm/Hz
90 MHz offset
Isolation
TX1x_x to TX2x_x
50
dB
TX2x_x to TX1x_x
50
dB
TRANSMITTERS, 2.4 GHz
Output Return Loss
S22
−10
dB
Maximum Output Power
7.5
dBm
1 MHz tone into 50 Ω load
Modulation Accuracy (EVM)
−34
dB
40 MHz reference clock
Third-Order Output Intermodulation
Intercept Point
OIP3
19
dBm
Carrier Leakage
−50
dBc
0 dB attenuation
−32
dBc
40 dB attenuation
Noise Floor
−156
dBm/Hz
90 MHz offset
Isolation
TX1x_x to TX2x_x
50
dB
TX2x_x to TX1x_x
50
dB
TRANSMITTERS, 3.5 GHz
Output Return Loss
S22
−10
dB
Maximum Output Power
7.0
dBm
1 MHz tone into 50 Ω load
Modulation Accuracy (EVM)
−34
dB
40 MHz reference clock



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com