Electronic Components Datasheet Search
  English  ▼

X  

AD9363 Datasheet(PDF) 2 Page - Analog Devices

Part # AD9363
Description  Radio frequency (RF) 2 횞 2 transceiver with integrated 12-bit DACs and ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9363 Datasheet(HTML) 2 Page - Analog Devices

  AD9363 Datasheet HTML 1Page - Analog Devices AD9363 Datasheet HTML 2Page - Analog Devices AD9363 Datasheet HTML 3Page - Analog Devices AD9363 Datasheet HTML 4Page - Analog Devices AD9363 Datasheet HTML 5Page - Analog Devices AD9363 Datasheet HTML 6Page - Analog Devices AD9363 Datasheet HTML 7Page - Analog Devices AD9363 Datasheet HTML 8Page - Analog Devices AD9363 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
AD9363
Data Sheet
Rev. D | Page 2 of 32
TABLE OF CONTENTS
Features .............................................................................................. 1
Applications....................................................................................... 1
Functional Block Diagram .............................................................. 1
General Description ......................................................................... 1
Revision History ............................................................................... 2
Specifications..................................................................................... 3
Current Consumption—VDD_INTERFACE........................... 8
Current Consumption—VDDD1P3_DIG and VDDAx
(Combination of All 1.3 V Supplies) ....................................... 11
Absolute Maximum Ratings ..................................................... 15
Reflow Profile.............................................................................. 15
Thermal Resistance .................................................................... 15
ESD Caution................................................................................ 15
Pin Configuration and Function Descriptions........................... 16
Typical Performance Characteristics ........................................... 20
800 MHz Frequency Band......................................................... 20
2.4 GHz Frequency Band .......................................................... 24
Theory of Operation ...................................................................... 28
General......................................................................................... 28
Receiver........................................................................................ 28
Transmitter.................................................................................. 28
Clock Input Options .................................................................. 28
Synthesizers................................................................................. 28
Digital Data Interface................................................................. 29
Enable State Machine................................................................. 29
SPI Interface................................................................................ 30
Control Pins ................................................................................ 30
GPO Pins (GPO_3 to GPO_0)................................................. 30
Auxiliary Converters.................................................................. 30
Packaging and Ordering Information ......................................... 32
Outline Dimensions................................................................... 32
Ordering Guide .......................................................................... 32
REVISION HISTORY
11/2016—Revision D: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com