Electronic Components Datasheet Search
  English  ▼

X  

AD9363 Datasheet(PDF) 17 Page - Analog Devices

Part # AD9363
Description  Radio frequency (RF) 2 횞 2 transceiver with integrated 12-bit DACs and ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9363 Datasheet(HTML) 17 Page - Analog Devices

Back Button AD9363 Datasheet HTML 13Page - Analog Devices AD9363 Datasheet HTML 14Page - Analog Devices AD9363 Datasheet HTML 15Page - Analog Devices AD9363 Datasheet HTML 16Page - Analog Devices AD9363 Datasheet HTML 17Page - Analog Devices AD9363 Datasheet HTML 18Page - Analog Devices AD9363 Datasheet HTML 19Page - Analog Devices AD9363 Datasheet HTML 20Page - Analog Devices AD9363 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 32 page
background image
Data Sheet
AD9363
Rev. D | Page 17 of 32
Pin No.
Type1
Mnemonic
Description
D2
I
VDDA1P3_RX_RF
Receiver 1.3 V Supply Input. Connect to D3.
D3
I
VDDA1P3_RX_TX
Receiver and Transmitter 1.3 V Supply Input.
D4, E4 to E6,
F4 to F6, G4
O
CTRL_OUT0, CTRL_OUT1 to
CTRL_OUT3, CTRL_OUT6 to
CTRL_OUT4, CTRL_OUT7
Control Outputs. These pins are multipurpose outputs that have programmable
functionality.
D7
I/O
P0_D9/TX_D4_P
Digital Data Port 0, Data Bit 9/Transmit Differential Input Bus, Data Bit 4. This is a dual
function pin. As P0_D9, it functions as part of the 12-bit bidirectional parallel CMOS
level Data Port 0. Alternatively, as TX_D4_P, it functions as part of the LVDS 6-bit Tx
differential input bus with internal LVDS termination.
D8
I/O
P0_D7/TX_D3_P
Digital Data Port 0, Data Bit 7/Transmit Differential Input Bus, Data Bit 3. This is a dual
function pin. As P0_D7, it functions as part of the 12-bit bidirectional parallel CMOS
level Data Port 0. Alternatively, as TX_D3_P, it functions as part of the LVDS 6-bit Tx
differential input bus with internal LVDS termination.
D9
I/O
P0_D5/TX_D2_P
Digital Data Port 0, Data Bit 5/Transmit Differential Input Bus, Data Bit 2. This is a dual
function pin. As P0_D5, it functions as part of the 12-bit bidirectional parallel CMOS
level Data Port 0. Alternatively, as TX_D2_P, it functions as part of the LVDS 6-bit Tx
differential input bus with internal LVDS termination.
D10
I/O
P0_D3/TX_D1_P
Digital Data Port 0, Data Bit 3/Transmit Differential Input Bus, Data Bit 1. This is a dual
function pin. As P0_D3, it functions as part of the 12-bit bidirectional parallel CMOS
level Data Port 0. Alternatively, as TX_D1_P, it functions as part of the LVDS 6-bit Tx
differential input bus with internal LVDS termination.
D11
I/O
P0_D1/TX_D0_P
Digital Data Port 0, Data Bit 1/Transmit Differential Input Bus, Data Bit 0. This is a dual
function pin. As P0_D1, it functions as part of the 12-bit bidirectional parallel CMOS
level Data Port 0. Alternatively, as TX_D0_P, it functions as part of the LVDS 6-bit Tx
differential input bus with internal LVDS termination.
D12, F7, F9,
F11, G12, H7,
H10, K12
GND
VSSD
Digital Ground. Tie these pins directly to the VSSA analog ground on the PCB (one
ground plane).
E1, F1
I
RX2B_P, RX2B_N
Receive Channel 2 Differential B Inputs. Alternatively, each pin can be used as a
single-ended input. Unused pins must be tied to ground.
E2
I
VDDA1P3_RX_LO
Receive LO 1.3 V Supply Input.
E3
I
VDDA1P3_TX_LO_BUFFER
Transmitter LO Buffer 1.3 V Supply Input.
E7
I/O
P0_D11/TX_D5_P
Digital Data Port 0, Data Bit 11/Transmit Differential Input Bus, Data Bit 5. This is a
dual function pin. As P0_D11, it functions as part of the 12-bit bidirectional parallel
CMOS level Data Port 0. Alternatively, as TX_D5_P, it functions as part of the LVDS 6-
bit Tx differential input bus with internal LVDS termination.
E8
I/O
P0_D8/TX_D4_N
Digital Data Port 0, Data Bit 8/Transmit Differential Input Bus, Data Bit 4. This is a dual
function pin. As P0_D8, it functions as part of the 12-bit bidirectional parallel CMOS
level Data Port 0. Alternatively, as TX_D4_N, it functions as part of the LVDS 6-bit Tx
differential input bus with internal LVDS termination.
E9
I/O
P0_D6/TX_D3_N
Digital Data Port 0, Data Bit 6/Transmit Differential Input Bus, Data Bit 3. This is a dual
function pin. As P0_D6, it functions as part of the 12-bit bidirectional parallel CMOS
level Data Port 0. Alternatively, as TX_D3_N, it functions as part of the LVDS 6-bit Tx
differential input bus with internal LVDS termination.
E10
I/O
P0_D4/TX_D2_N
Digital Data Port 0, Data Bit 4/Transmit Differential Input Bus, Data Bit 2. This is a dual
function pin. As P0_D4, it functions as part of the 12-bit bidirectional parallel CMOS
level Data Port 0. Alternatively, as TX_D2_N, it functions as part of the LVDS 6-bit Tx
differential input bus with internal LVDS termination.
E11
I/O
P0_D2/TX_D1_N
Digital Data Port 0, Data Bit 2/Transmit Differential Input Bus, Data Bit 1. This is a dual
function pin. As P0_D2, it functions as part of the 12-bit bidirectional parallel CMOS
level Data Port 0. Alternatively, as TX_D1_N, it functions as part of the LVDS 6-bit Tx
differential input bus with internal LVDS termination.
E12
I/O
P0_D0/TX_D0_N
Digital Data Port 0, Data Bit 0/Transmit Differential Input Bus, Data Bit 0. This is a dual
function pin. As P0_D0, it functions as part of the 12-bit bidirectional parallel CMOS
level Data Port 0. Alternatively, as TX_D0_N, it functions as part of the LVDS 6-bit Tx
differential input bus with internal LVDS termination.
F2
I
VDDA1P3_RX_VCO_LDO
Receive VCO LDO 1.3 V Supply Input. Connect to E2.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com