Electronic Components Datasheet Search
  English  ▼

X  

AD9363ABCZ Datasheet(PDF) 20 Page - Analog Devices

Part # AD9363ABCZ
Description  Radio frequency (RF) 2 횞 2 transceiver with integrated 12-bit DACs and ADCs
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD9363ABCZ Datasheet(HTML) 20 Page - Analog Devices

Back Button AD9363ABCZ Datasheet HTML 16Page - Analog Devices AD9363ABCZ Datasheet HTML 17Page - Analog Devices AD9363ABCZ Datasheet HTML 18Page - Analog Devices AD9363ABCZ Datasheet HTML 19Page - Analog Devices AD9363ABCZ Datasheet HTML 20Page - Analog Devices AD9363ABCZ Datasheet HTML 21Page - Analog Devices AD9363ABCZ Datasheet HTML 22Page - Analog Devices AD9363ABCZ Datasheet HTML 23Page - Analog Devices AD9363ABCZ Datasheet HTML 24Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 32 page
background image
AD9363
Data Sheet
Rev. D | Page 20 of 32
TYPICAL PERFORMANCE CHARACTERISTICS
ATTEN is the attenuation setting. fLO_RX and fLO_TX are the receive and transmit local oscillator frequencies, respectively.
800 MHZ FREQUENCY BAND
Figure 3. Rx Noise Figure vs. RF Frequency
Figure 4. RSSI Error vs. Rx Input Power, LTE 10 MHz Modulation
(Referenced to −50 dBm Input Power at 800 MHz)
Figure 5. Rx EVM vs. Interferer Power Level, LTE 10 MHz Signal of Interest
with PIN = −82 dBm, 5 MHz Orthogonal Frequency Division Multiplexing
(OFDM) Blocker at 7.5 MHz Offset
Figure 6. Rx EVM vs. Interferer Power Level, LTE 10 MHz Signal of Interest
with PIN = −90 dBm, 5 MHz OFDM Blocker at 17.5 MHz Offset
Figure 7. Rx Noise Figure vs. Interferer Power Level, Enhanced Data Rates for
GSM Evolution (EDGE) Signal of Interest with PIN = −90 dBm, Continuous
Wave (CW) Blocker at 3 MHz Offset, Gain Index = 64
Figure 8. Rx Gain vs. Rx LO Frequency, Gain Index = 76 (Maximum Setting)
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
700
750
800
850
900
RF FREQUENCY (MHz)
–40°C
+25°C
+85°C
–3
–2
–1
0
1
2
3
4
5
–100
–90
–80
–70
–60
–50
–40
–30
–20
–10
Rx INPUT POWER (dBm)
–40°C
+25°C
+85°C
–30
–25
–20
–15
–10
–5
0
–
72
–
68
–
64
–
60
–
56
–
52
–
48
–
44
–
40
–
36
–
32
INTERFERER POWER LEVEL (dBm)
–40°C
+25°C
+85°C
–16
–12
–8
–4
0
–56
–54
–52
–50
–48
–46
–44
–42
–40
–38
–36
INTERFERER POWER LEVEL (dBm)
–40°C
+25°C
+85°C
0
2
4
6
8
10
12
14
–47
–43
–39
–35
–31
–27
–23
INTERFERER POWER LEVEL (dBm)
–40°C
+25°C
+85°C
66
68
70
72
74
76
78
80
700
750
800
850
900
Rx LO FREQUENCY (MHz)
–40°C
+25°C
+85°C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com