Electronic Components Datasheet Search
  English  ▼

X  

ADL5567 Datasheet(PDF) 4 Page - Analog Devices

Part # ADL5567
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567 Datasheet(HTML) 4 Page - Analog Devices

  ADL5567 Datasheet HTML 1Page - Analog Devices ADL5567 Datasheet HTML 2Page - Analog Devices ADL5567 Datasheet HTML 3Page - Analog Devices ADL5567 Datasheet HTML 4Page - Analog Devices ADL5567 Datasheet HTML 5Page - Analog Devices ADL5567 Datasheet HTML 6Page - Analog Devices ADL5567 Datasheet HTML 7Page - Analog Devices ADL5567 Datasheet HTML 8Page - Analog Devices ADL5567 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
Data Sheet
ADL5567
Rev. 0 | Page 3 of 23
SPECIFICATIONS
Supply voltage (VS) = 3.3 V or 5 V, high performance (HP) mode, output common-mode voltage (VCOM) = VS/2, source impedance (RS) =
100 Ω differential, load impedance (RL) = 200 Ω differential, output voltage (VOUT) = 2 V p-p, frequency = 200 MHz, TA = 25°C, parameters
specified for differential input and differential output, signal spacing = 2 MHz for two-tone measurements, unless otherwise noted.
Table 1.
Parameter
Test Conditions/
Comments
VS = 3.3 V
VS = 5 V
Min
Typ
Max
Min
Typ
Max
Unit
DYNAMIC PERFORMANCE
−3 dB Bandwidth
VOUT ≤ 0.5 V p-p
4.3
4.3
GHz
Bandwidth, 0.1 dB Flatness
VOUT ≤ 1.0 V p-p
410
420
MHz
Voltage Gain (AV)
Differential Input
RL = open
20
20
dB
RL = 200 Ω differential
19
19
dB
Single-Ended Input
RL = 200 Ω differential
18
18
dB
Gain Accuracy
±0.2
±0.2
dB
Channel to Channel Gain Error
Frequency = 500 MHz,
Channel A to Channel B
0.04
0.04
dB
Channel to Channel Phase Error
Frequency = 500 MHz,
Channel A to Channel B
0.6
0.6
Degrees
Gain Supply Sensitivity
VS ± 5%
7.1
13.9
mdB/V
Gain Temperature Sensitivity
TA = −40°C to +85°C
1.5
1.3
mdB/°C
Slew Rate
Rising, VOUT = 2 V step
18
19
V/ns
Falling, VOUT = 2 V step
19
20
V/ns
Settling Time
2 V step to 1%
380
380
ps
Overdrive Recovery Time
Differential input voltage
step from 2 V to 0 V, for
VOUT ≤ ±10 mV
6
4
ns
Reverse Isolation (SDD12)
57
57
dB
Input to Output Isolation When
Disabled
100 MHz; ENBLx = low
58
58
dB
Channel to Channel Isolation
Channel A to Channel B
69
69
dB
INPUT/OUTPUT CHARACTERISTICS
Input Common-Mode Range
1.2
1.8
1.3
3.5
V
Input Resistance
Differential
100
100
Ω
Single-Ended
91.7
91.7
Ω
Input Capacitance (Single-Ended)
0.25
0.25
pF
Common-Mode Rejection Ratio
(CMRR)
Frequency = 500 MHz
48
48
dB
Output Common-Mode Range
VCOM1 and VCOM2 pins
1.25
1.8
1.25
3
V
Output Common-Mode Offset
Referenced to VCOM (VS/2)
−25
±7
+25
−25
±8
+40
mV
Output Common-Mode Drift
TA = −40°C to +85°C
1.61
1.42
mV/°C
Output Differential Offset Voltage
−20
±8
+20
−20
±8
+20
mV
Output Differential Offset Drift
TA = −40°C to +85°C
±15
±6
µV/°C
Output Resistance (Differential)
10
10
Ω
Maximum Output Voltage Swing
1 dB compressed
5.4
8.6
V p-p
POWER INTERFACE
Supply Voltage
3.15
3.3
3.45
4.75
5
5.25
V
Digital Input Voltage
Logic High (VIH)
ENBL1/ENBL2, PM1/PM2
2.1
3.45
2.1
3.45
V
Logic Low (VIL)
0
1.0
0
1.0
V
ENBL1/ENBL2 Input Current
ENBLx = 3 V
−7
−7
µA
ENBLx = 0 V
−70
−70
µA
PM1/PM2 Input Current
PMx = 3 V
62
62
µA
PMx = 0 V
−0.1
−0.1
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com