Electronic Components Datasheet Search
  English  ▼

X  

ADL5567 Datasheet(PDF) 17 Page - Analog Devices

Part # ADL5567
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567 Datasheet(HTML) 17 Page - Analog Devices

Back Button ADL5567 Datasheet HTML 13Page - Analog Devices ADL5567 Datasheet HTML 14Page - Analog Devices ADL5567 Datasheet HTML 15Page - Analog Devices ADL5567 Datasheet HTML 16Page - Analog Devices ADL5567 Datasheet HTML 17Page - Analog Devices ADL5567 Datasheet HTML 18Page - Analog Devices ADL5567 Datasheet HTML 19Page - Analog Devices ADL5567 Datasheet HTML 20Page - Analog Devices ADL5567 Datasheet HTML 21Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 24 page
background image
ADL5567
Data Sheet
Rev. 0 | Page 16 of 23
INPUT AND OUTPUT INTERFACING
The ADL5567 can be configured as a differential input to differen-
tial output driver, as shown in Figure 40. The 50 Ω resistors, R1
and R2, combined with the input balun, provide a 50 Ω input match
for the 100 Ω input impedance. The input and output 0.1 μF
capacitors isolate the VCCX/2 bias from the source and balanced
load. The load equals 200 Ω to provide the expected ac perfor-
mance (see the Specifications section).
VS
0.1µF
0.1µF
1:1 BALUN
AC
50Ω
R1
R2
½
ADL5567
½ RL
½ RL
50Ω
50Ω
0.1µF
0.1µF
+
–
Figure 40. Differential Input to Differential Output Configuration
The differential gain of the ADL5567 is dependent on the source
impedance and load, as shown in Figure 41. The differential
gain (AV) can be determined by
RL
RL
A
V
10
50
500
(1)
AC
½
ADL5567
½
RS
½
RS
0.1µF
0.1µF
50Ω
50Ω
500Ω
500Ω
5Ω
5Ω
RL
0.1µF
0.1µF
+
–
Figure 41. Differential Input Loading Circuit
Single-Ended Input to Differential Output
The ADL5567 can also be configured in a single-ended input to
differential output driver, as shown in Figure 42. In this configura-
tion, the gain of the device is reduced due to the application of the
signal to only one side of the amplifier. The input and output 0.1 μF
capacitors isolate the VCCx/2 bias from the source and the
balanced load.
The single-ended circuit configuration can be accomplished in
three steps (see Figure 42), assuming a 50 Ω RS source. First,
calculate the input impedance (RIN) of the amplifier using the
following formula:


RF
RG
RF
RG
R
IN
2
–
1
(2)
Thus, RIN = 91.7 Ω.
The next step is to calculate the termination of Resistor R2 (see
Figure 42). Because RS must be equal to the parallel equivalent
resistance of R2 and RIN,
IN
IN
R
R2
R
R2
RS
Thus,
R2 = RIN × RS /(RIN − RS)
(3)
When RS = 50 Ω and RIN = 91.7 Ω, R2 = 109 Ω.
The last step is to calculate the gain path rebalancing resistor,
R1 (see Figure 42), using the following formula:
R2
RS
R2
RS
R1
Thus, R1 = 34.0 Ω.
AC
½
ADL5567
½
½
RS
RG
50Ω
RG
50Ω
RF
500Ω
RF
500Ω
5Ω
5Ω
RL
0.1µF
0.1µF
RL
R1
0.1µF
0.1µF
R2
+
–
Figure 42. Single-Ended Input to Differential Output Configuration
See the AN-0990 Application Note for more information on
terminating single-ended inputs. The single-ended gain
configuration of the ADL5567 is dependent on the source
impedance and load, as shown in Figure 43.
AC
½
ADL5567
½
½
RS
RG
50Ω
RG
50Ω
RF
500Ω
RF
500Ω
5Ω
5Ω
RL
0.1µF
0.1µF
RL
R1
34.2Ω
0.1µF
0.1µF
R2
109Ω
+
–
Figure 43. Single-Ended Input Loading Circuit
Determine the single-ended gain (AV1) using the following two
equations:
IN
IN
MATCH
R
R2
R
R2
R
(4)
where RMATCH is the input resistance value that matches RS,
calculated as follows:
RL
RL
R
RS
R
R2
RS
R2
R2
RS
R2
RS
A
MATCH
S
MATCH
V1
10
50
500
(5)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com