Electronic Components Datasheet Search
  English  ▼

X  

ADL5567 Datasheet(PDF) 10 Page - Analog Devices

Part # ADL5567
Description  4.3 GHz, Ultrahigh Dynamic Range, Dual Differential Amplifier
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADL5567 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADL5567 Datasheet HTML 6Page - Analog Devices ADL5567 Datasheet HTML 7Page - Analog Devices ADL5567 Datasheet HTML 8Page - Analog Devices ADL5567 Datasheet HTML 9Page - Analog Devices ADL5567 Datasheet HTML 10Page - Analog Devices ADL5567 Datasheet HTML 11Page - Analog Devices ADL5567 Datasheet HTML 12Page - Analog Devices ADL5567 Datasheet HTML 13Page - Analog Devices ADL5567 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
Data Sheet
ADL5567
Rev. 0 | Page 9 of 23
4.0
4.5
5.0
5.5
6.0
6.5
7.0
7.5
8.0
8.5
9.0
9.5
10.0
10.5
11.0
11.5
12.0
10M
100M
1G
FREQUENCY (Hz)
5V HP MODE
3.3V HP MODE
Figure 9. Noise Figure vs. Frequency over VS, HP Mode
0
0.5
1.0
1.5
2.0
2.5
10M
100M
1G
FREQUENCY (Hz)
5V HP MODE
3.3V HP MODE
Figure 10. Noise Spectral Density (NSD) vs. Frequency over VS, HP Mode
OIP3, 5V HP, 25°C
OIP3, 5V LP, 25°C
OIP3, 3.3V HP, 25°C
OIP3, 3.3V LP, 25°C
IMD3, 5V HP, 25°C
IMD3, 5V LP, 25°C
IMD3, 3.3V HP, 25°C
IMD3, 3.3V LP, 25°C
–40
–30
–20
–10
0
10
20
30
40
50
–120
–100
–80
–60
–40
–20
0
20
40
60
FREQUENCY (GHz)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
Figure 11. IMD3 and OIP3 vs. Frequency over Supply Voltage and Power Modes
FREQUENCY (GHz)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
0
10
20
30
40
50
60
70
80
OIP3, 5V HP, +85°C
OIP3, 5V LP, +85°C
OIP3, 3.3V HP, +85°C
OIP3, 3.3 LP, +85°C
OIP3, 5V HP, +25°C
OIP3, 5V LP, +25°C
OIP3, 3.3V HP, +25°C
OIP3, 3.3V LP, +25°C
OIP3, 5V HP, –40°C
OIP3, 5V LP, –40°C
OIP3, 3.3V HP, –40°C
OIP3, 3.3V LP, –40°C
Figure 12. OIP3 vs. Frequency over Temperature, Supply Voltage, and Power
Modes
FREQUENCY (GHz)
–120
–100
–80
–60
–40
–20
0
20
40
60
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
OIP3, 5V HP, +85°C
OIP3, 5V LP, +85°C
OIP3, 3.3V HP, +85°C
OIP3, 3.3 LP, +85°C
OIP3, 5V HP, +25°C
OIP3, 5V LP, +25°C
OIP3, 3.3V HP, +25°C
OIP3, 3.3V LP, +25°C
OIP3, 5V HP, –40°C
OIP3, 5V LP, –40°C
OIP3, 3.3V HP, –40°C
OIP3, 3.3V LP, –40°C
Figure 13. IMD3 vs. Frequency over Temperature, Supply Voltage, and Power
Modes
FREQUENCY (MHz)
0
500
1000
1500
2000
5V HP MODE, CH 1, RL = 200Ω
5V HP MODE, CH 2, RL = 200Ω
5V HP MODE, CH 1, RL = 100Ω
5V HP MODE, CH 2, RL = 100Ω
Figure 14. IMD3 vs. Frequency for RL = 100 Ω



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com