Electronic Components Datasheet Search
  English  ▼

X  

LM4838 Datasheet(PDF) 5 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4838
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4838 Datasheet(HTML) 5 Page - National Semiconductor (TI)

  LM4838 Datasheet HTML 1Page - National Semiconductor (TI) LM4838 Datasheet HTML 2Page - National Semiconductor (TI) LM4838 Datasheet HTML 3Page - National Semiconductor (TI) LM4838 Datasheet HTML 4Page - National Semiconductor (TI) LM4838 Datasheet HTML 5Page - National Semiconductor (TI) LM4838 Datasheet HTML 6Page - National Semiconductor (TI) LM4838 Datasheet HTML 7Page - National Semiconductor (TI) LM4838 Datasheet HTML 8Page - National Semiconductor (TI) LM4838 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 36 page
background image
Electrical Characteristics for Single-Ended Mode Operation (Notes 7,
10) (Continued)
The following specifications apply for V
DD = 5V. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4838
Units
(Limits)
Typical
(Note 14)
Limit
(Note 15)
THD+N
Total Harmonic Distortion+Noise
V
OUT =1VRMS, f=1kHz, RL = 10k
Ω,
A
VD =1
0.065
%
PSRR
Power Supply Rejection Ratio
C
B = 1.0 µF, f =120 Hz,
V
RIPPLE = 200 mVrms
58
dB
SNR
Signal to Noise Ratio
P
OUT =75 mW, R L =32
Ω, A-Wtd
Filter
102
dB
X
talk
Channel Separation
f=1kHz, C
B = 1.0 µF
65
dB
Electrical Characteristics for Bridged Mode Operation (Notes 7, 10)
The following specifications apply for V
DD = 5V, unless otherwise noted. Limits apply for TA = 25˚C.
Symbol
Parameter
Conditions
LM4838
Units
(Limits)
Typical
(Note 14)
Limit
(Note 15)
V
OS
Output Offset Voltage
V
IN = 0V, No Load
5
±50
mV (max)
P
O
Output Power
THD+N= 1.0%; f=1kHz; R
L =3
Ω
(Note 8)
2.2
W
THD+N= 1.0%; f=1kHz; R
L =4
Ω
(Note 9)
2W
THD = 1% (max);f = 1 kHz;
R
L =8
Ω
1.1
1.0
W (min)
THD+N = 10%;f = 1 kHz; R
L =8
Ω
1.5
W
THD+N
Total Harmonic Distortion+Noise
P
O = 1W, 20 Hz< f < 20 kHz,
R
L =8
Ω,A
VD =2
0.3
%
P
O = 340 mW, RL =32
Ω
1.0
%
PSRR
Power Supply Rejection Ratio
C
B = 1.0 µF, f = 120 Hz,
V
RIPPLE = 200 mVrms; RL =8
Ω
74
dB
SNR
Signal to Noise Ratio
V
DD = 5V, POUT = 1.1W, RL =8
Ω,
A-Wtd Filter
93
dB
X
talk
Channel Separation
f=1kHz, C
B = 1.0 µF
70
dB
Note 3: The
θJA given is for an MXA28A package whose exposed-DAP is soldered to an exposed 2in 2 piece of 1 ounce printed circuit board copper.
Note 4: The
θJA given is for an MXA28A package whose exposed-DAP is soldered to a 2in2 piece of 1 ounce printed circuit board copper on a bottom side layer
through 21 8mil vias.
Note 5: The
θJA given is for an MXA28A package whose exposed-DAP is soldered to an exposed 1in 2 piece of 1 ounce printed circuit board copper.
Note 6: The
θJA given is for an MXA28A package whose exposed-DAP is not soldered to any copper.
Note 7: All voltages are measured with respect to the ground pins, unless otherwise specified. All specifications are tested using the typical application as shown
in Figure 1.
Note 8: When driving 3
Ω loads from a 5V supply the LM4838LQ, LM4838ITL and LM4838MTE must be mounted to the circuit board and forced-air cooled.
Note 9: When driving 4
Ω loads from a 5V supply the LM4838LQ, LM4838ITL and LM4838MTE must be mounted to the circuit board.
Note 10: Absolute Maximum Ratings indicate limits beyond which damage to the device may occur. Operating Ratings indicate conditions for which the device is
functional, but do not guarantee specific performance limits. Electrical Characteristics state DC and AC electrical specifications under particular test conditions which
guarantee specific performance limits. This assumes that the device is within the Operating Ratings. Specifications are not guaranteed for parameters where no limit
is given, however, the typical value is a good indication of device performance.
Note 11: The maximum power dissipation must be derated at elevated temperatures and is dictated by TJMAX, θ JA, and the ambient temperature TA. The maximum
allowable power dissipation is PDMAX =(TJMAX −TA )/θJA. For the LM4838, TJMAX = 150˚C, and the typical junction-to-ambient thermal resistance for each package
can be found in the Absolute Maximum Ratings section above.
Note 12: Human body model, 100 pF discharged through a 1.5 k
Ω resistor.
Note 13: Machine Model, 220 pF–240 pF discharged through all pins.
Note 14: Typicals are measured at 25˚C and represent the parametric norm.
Note 15: Limits are guaranteed to National’s AOQL ( Average Outgoing Quality Level). Datasheet min/max specification limits are guaranteed by design, test, or
statistical analysis.
www.national.com
5



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com