Electronic Components Datasheet Search
  English  ▼

X  

LM4838 Datasheet(PDF) 14 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4838
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4838 Datasheet(HTML) 14 Page - National Semiconductor (TI)

Back Button LM4838 Datasheet HTML 10Page - National Semiconductor (TI) LM4838 Datasheet HTML 11Page - National Semiconductor (TI) LM4838 Datasheet HTML 12Page - National Semiconductor (TI) LM4838 Datasheet HTML 13Page - National Semiconductor (TI) LM4838 Datasheet HTML 14Page - National Semiconductor (TI) LM4838 Datasheet HTML 15Page - National Semiconductor (TI) LM4838 Datasheet HTML 16Page - National Semiconductor (TI) LM4838 Datasheet HTML 17Page - National Semiconductor (TI) LM4838 Datasheet HTML 18Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 36 page
background image
Typical Performance Characteristics (Continued)
Power Derating Curve
Crosstalk
20013363
20013349
Output Power
vs Supply voltage
Output Power
vs Supply Voltage
20013354
20013356
Supply Current
vs Supply Voltage
LM4838ITL (Note 19)
Power Derating Curve
20013309
20013394
Note 19: These curves show the thermal dissipation of the LM4838ITL at different ambient temperatures with a thermal plane of size shown on an outside PCB layer
using 1oz. copper.
www.national.com
14



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com