Electronic Components Datasheet Search
  English  ▼

X  

LM4838 Datasheet(PDF) 19 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor. Click here to check the latest version.
Part # LM4838
Description  Stereo 2W Audio Power Amplifiers with DC Volume Control and Selectable Gain
PDF  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

LM4838 Datasheet(HTML) 19 Page - National Semiconductor (TI)

Back Button LM4838 Datasheet HTML 15Page - National Semiconductor (TI) LM4838 Datasheet HTML 16Page - National Semiconductor (TI) LM4838 Datasheet HTML 17Page - National Semiconductor (TI) LM4838 Datasheet HTML 18Page - National Semiconductor (TI) LM4838 Datasheet HTML 19Page - National Semiconductor (TI) LM4838 Datasheet HTML 20Page - National Semiconductor (TI) LM4838 Datasheet HTML 21Page - National Semiconductor (TI) LM4838 Datasheet HTML 22Page - National Semiconductor (TI) LM4838 Datasheet HTML 23Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 36 page
background image
Application Information (Continued)
GAIN SELECT FUNCTION (Bass Boost)
The LM4838 features selectable gain, using either internal or
external feedback resistors. Either set of feedback resistors
set the gain of the output amplifiers. The voltage applied to
the GAIN SELECT pin controls which gain is selected. Ap-
plying V
DD to the GAIN SELECT pin selects the external gain
mode. Applying 0V to the GAIN SELECT pin selects the
internally set unity gain.
In some cases a designer may want to improve the low
frequency response of the bridged amplifier or incorporate a
bass boost feature. This bass boost can be useful in systems
where speakers are housed in small enclosures. A resistor,
R
LFE, and a capacitor, CLFE, in parallel, can be placed in
series with the feedback resistor of the bridged amplifier as
seen in Figure 4.
At low, frequencies C
LFE is a virtual open circuit and at high
frequencies, its nearly zero ohm impedance shorts R
LFE.
The result is increased bridge-amplifier gain at low frequen-
cies. The combination of R
LFE and CLFE form a -6dB corner
frequency at
f
C = 1/(2
πR
LFEC LFE)
(9)
The bridged-amplifier low frequency differential gain is:
A
VD = 2(RF +RLFE)/R i
(10)
Using the component values shown in Figure 1 (R
F = 20k
Ω,
R
LFE = 20k
Ω, and C
LFE = 0.068µF), a first-order, -6dB pole is
created at 120Hz. Assuming R
i = 20k
Ω, the low frequency
differential gain is 4. The input (C
i) and output (CO) capacitor
values must be selected for a low frequency response that
covers the range of frequencies affected by the desired
bass-boost operation.
DC VOLUME CONTROL
The LM4838 has an internal stereo volume control whose
setting is a function of the DC voltage applied to the DC VOL
CONTROL pin.
The LM4838 volume control consists of 31 steps that are
individually selected by a variable DC voltage level on the
volume control pin. The range of the steps, controlled by the
DC voltage, are from 0dB - 78dB. Each gain step corre-
sponds to a specific input voltage range, as shown in table 2.
To minimize the effect of noise on the volume control pin,
which can affect the selected gain level, hysteresis has been
implemented. The amount of hysteresis corresponds to half
of the step width, as shown in Volume Control Characteriza-
tion Graph (DS200133-40).
For highest accuracy, the voltage shown in the ’recom-
mended voltage’ column of the table is used to select a
desired gain. This recommended voltage is exactly halfway
between the two nearest transitions to the next highest or
next lowest gain levels.
The gain levels are 1dB/step from 0dB to -6dB, 2dB/step
from -6dB to -36dB, 3dB/step from -36dB to -47dB, 4dB/step
from -47db to -51dB, 5dB/step from -51dB to -66dB, and
12dB to the last step at -78dB.
20013311
FIGURE 4. Low Frequency Enhancement
www.national.com
19



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com