Electronic Components Datasheet Search
  English  ▼

X  

CS82C55A Datasheet(PDF) 17 Page - Harris Corporation

Part # CS82C55A
Description  CMOS Programmable Peripheral Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CS82C55A Datasheet(HTML) 17 Page - Harris Corporation

Back Button CS82C55A Datasheet HTML 13Page - Harris Corporation CS82C55A Datasheet HTML 14Page - Harris Corporation CS82C55A Datasheet HTML 15Page - Harris Corporation CS82C55A Datasheet HTML 16Page - Harris Corporation CS82C55A Datasheet HTML 17Page - Harris Corporation CS82C55A Datasheet HTML 18Page - Harris Corporation CS82C55A Datasheet HTML 19Page - Harris Corporation CS82C55A Datasheet HTML 20Page - Harris Corporation CS82C55A Datasheet HTML 21Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 26 page
background image
17
Absolute Maximum Ratings TA = 25oC
Thermal Information
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +8.0V
Input, Output or I/O Voltage . . . . . . . . . . . . GND-0.5V to VCC+0.5V
ESD Classification . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . Class 1
Operating Conditions
Voltage Range . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . +4.5V to 5.5V
Operating Temperature Range
C82C55A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .0oC to 70oC
I82C55A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -40oC to 85oC
M82C55A . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . -55oC to 125oC
Thermal Resistance (Typical, Note 1)
θJA
θJC
CERDIP Package . . . . . . . . . . . . . . . .
50oC/W
10oC/W
CLCC Package . . . . . . . . . . . . . . . . . .
65oC/W
14oC/W
PDIP Package . . . . . . . . . . . . . . . . . . .
50oC/W
N/A
PLCC Package . . . . . . . . . . . . . . . . . .
46oC/W
N/A
Maximum Storage Temperature Range . . . . . . . . . .-65oC to 150oC
Maximum Junction Temperature
CDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 175oC
PDIP Package . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 150oC
Maximum Lead Temperature (Soldering 10s) . . . . . . . . . . . . . 300oC
(PLCC Lead Tips Only)
Die Characteristics
Gate Count . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 1000 Gates
CAUTION: Stresses above those listed in “Absolute Maximum Ratings” may cause permanent damage to the device. This is a stress only rating and operation
of the device at these or any other conditions above those indicated in the operational sections of this specification is not implied.
NOTE:
1.
θJA is measured with the component mounted on an evaluation PC board in free air.
Electrical Specifications
VCC = 5.0V ±10%; TA = 0
oC to +70oC (C82C55A);
TA = -40
oC to +85oC (I82C55A);
TA = -55
oC to +125oC (M82C55A)
SYMBOL
PARAMETER
LIMITS
UNITS
TEST CONDITIONS
MIN
MAX
VIH
Logical One Input Voltage
2.0
2.2
-
V
I82C55A, C82C55A,
M82C55A
VIL
Logical Zero Input Voltage
-
0.8
V
VOH
Logical One Output Voltage
3.0
VCC -0.4
-V
IOH = -2.5mA,
IOH = -100µA
VOL
Logical Zero Output Voltage
-
0.4
V
IOL +2.5mA
II
Input Leakage Current
-1.0
+1.0
µAVIN = VCC or GND,
DIP Pins: 5, 6, 8, 9, 35, 36
IO
I/O Pin Leakage Current
-10
+10
µA
VO = VCC or GND DIP Pins: 27 - 34
IBHH
Bus Hold High Current
-50
-400
µA
VO = 3.0V. Ports A, B, C
IBHL
Bus Hold Low Current
50
400
µA
VO = 1.0V. Port A ONLY
IDAR
Darlington Drive Current
-2.5
Note 2, 4
mA
Ports A, B, C. Test Condition 3
ICCSB
Standby Power Supply Current
-
10
µAVCC = 5.5V, VIN = VCC or GND. Output Open
ICCOP
Operating Power Supply Current
-
1
mA/MHz
TA = +25
oC, V
CC = 5.0V, Typical (See Note 3)
NOTES:
2. No internal current limiting exists on Port Outputs. A resistor must be added externally to limit the current.
3. ICCOP = 1mA/MHz of Peripheral Read/Write cycle time. (Example: 1.0
µs I/O Read/Write cycle time = 1mA).
4. Tested as VOH at -2.5mA.
Capacitance TA = 25oC
SYMBOL
PARAMETER
TYPICAL
UNITS
TEST CONDITIONS
CIN
Input Capacitance
10
pF
FREQ = 1MHz, All Measurements are
referenced to device GND
CI/O
I/O Capacitance
20
pF
82C55A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com