Electronic Components Datasheet Search
  English  ▼

X  

CS82C55A Datasheet(PDF) 18 Page - Harris Corporation

Part # CS82C55A
Description  CMOS Programmable Peripheral Interface
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  HARRIS [Harris Corporation]
Direct Link  http://www.harris.com
Logo HARRIS - Harris Corporation

CS82C55A Datasheet(HTML) 18 Page - Harris Corporation

Back Button CS82C55A Datasheet HTML 14Page - Harris Corporation CS82C55A Datasheet HTML 15Page - Harris Corporation CS82C55A Datasheet HTML 16Page - Harris Corporation CS82C55A Datasheet HTML 17Page - Harris Corporation CS82C55A Datasheet HTML 18Page - Harris Corporation CS82C55A Datasheet HTML 19Page - Harris Corporation CS82C55A Datasheet HTML 20Page - Harris Corporation CS82C55A Datasheet HTML 21Page - Harris Corporation CS82C55A Datasheet HTML 22Page - Harris Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 26 page
background image
18
AC Electrical Specifications
VCC = +5V± 10%, GND = 0V; TA = -55
oC to +125oC (M82C55A) (M82C55A-5);
TA = -40
oC to +85oC (I82C55A) (I82C55A-5);
TA = 0
oC to +70oC (C82C55A) (C82C55A-5)
SYMBOL
PARAMETER
82C55A-5
82C55A
UNITS
TEST
CONDITIONS
MIN
MAX
MIN
MAX
READ TIMING
(1) tAR
Address Stable Before RD
0-0-
ns
(2) tRA
Address Stable After RD
0-0-
ns
(3) tRR
RD Pulse Width
250
-
150
-
ns
(4) tRD
Data Valid From RD
-
200
-
120
ns
1
(5) tDF
Data Float After RD
10
75
10
75
ns
2
(6) tRV
Time Between RDs and/or WRs
300
-
300
-
ns
WRITE TIMING
(7) tAW
Address Stable Before WR
0-0-
ns
(8) tWA
Address Stable After WR
20
-
20
-
ns
(9) tWW
WR Pulse Width
100
-
100
-
ns
(10) tDW
Data Valid to WR High
100
-
100
-
ns
(11) tWD
Data Valid After WR High
30
-
30
-
ns
OTHER TIMING
(12) tWB
WR = 1 to Output
-
350
-
350
ns
1
(13) tIR
Peripheral Data Before RD
0-0-
ns
(14) tHR
Peripheral Data After RD
0-0-
ns
(15) tAK
ACK Pulse Width
200
-
200
-
ns
(16) tST
STB Pulse Width
100
-
100
-
ns
(17) tPS
Peripheral Data Before STB High
20
-
20
-
ns
(18) tPH
Peripheral Data After STB High
50
-
50
-
ns
(19) tAD
ACK = 0 to Output
-
175
-
175
ns
1
(20) tKD
ACK = 1 to Output Float
20
250
20
250
ns
2
(21) tWOB
WR = 1 to OBF = 0
-
150
-
150
ns
1
(22) tAOB
ACK = 0 to OBF = 1
-
150
-
150
ns
1
(23) tSIB
STB = 0 to IBF = 1
-
150
-
150
ns
1
(24) tRIB
RD = 1 to IBF = 0
-
150
-
150
ns
1
(25) tRIT
RD = 0 to INTR = 0
-
200
-
200
ns
1
(26) tSIT
STB = 1 to INTR = 1
-
150
-
150
ns
1
(27) tAIT
ACK = 1 to INTR = 1
-
150
-
150
ns
1
(28) tWIT
WR = 0 to INTR = 0
-
200
-
200
ns
1
(29) tRES
Reset Pulse Width
500
-
500
-
ns
1, (Note)
NOTE: Period of initial Reset pulse after power-on must be at least 50
µsec. Subsequent Reset pulses may be 500ns minimum.
82C55A



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com