Electronic Components Datasheet Search
  English  ▼

X  

SS12T3 Datasheet(PDF) 1 Page - ON Semiconductor

Part # SS12T3
Description  NPN Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 1 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
© Semiconductor Components Industries, LLC, 2005
October, 2016 − Rev. 6
1
Publication Order Number:
NSS12201L/D
NSS12201LT1G
12 V, 4.0 A, Low VCE(sat)
NPN Transistor
ON Semiconductor’s e2PowerEdge family of low VCE(sat)
transistors are miniature surface mount devices featuring ultra low
saturation voltage (VCE(sat)) and high current gain capability. These
are designed for use in low voltage, high speed switching applications
where affordable efficient energy control is important.
Typical applications are DC−DC converters and power management
in portable and battery powered products such as cellular and cordless
phones, PDAs, computers, printers, digital cameras and MP3 players.
Other applications are low voltage motor controls in mass storage
products such as disc drives and tape drives. In the automotive
industry they can be used in air bag deployment and in the instrument
cluster. The high current gain allows e2PowerEdge devices to be
driven directly from PMU’s control outputs, and the Linear Gain
(Beta) makes them ideal components in analog amplifiers.
• These Devices are Pb−Free, Halogen Free/BFR Free and are RoHS
Compliant
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
Collector-Emitter Voltage
VCEO
12
Vdc
Collector-Base Voltage
VCBO
12
Vdc
Emitter-Base Voltage
VEBO
6.0
Vdc
Collector Current − Continuous
IC
2.0
A
Collector Current − Peak
ICM
4.0
A
Electrostatic Discharge
ESD
HBM Class 3B
MM Class C
MAXIMUM RATINGS (TA = 25°C)
Rating
Symbol
Max
Unit
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD (Note 1)
460
3.7
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA (Note 1)
270
°C/W
Total Device Dissipation
TA = 25°C
Derate above 25°C
PD (Note 2)
540
4.3
mW
mW/°C
Thermal Resistance,
Junction−to−Ambient
RqJA (Note 2)
230
°C/W
Junction and Storage
Temperature Range
TJ, Tstg
−55 to
+150
°C
Stresses exceeding those listed in the Maximum Ratings table may damage the
device. If any of these limits are exceeded, device functionality should not be
assumed, damage may occur and reliability may be affected.
1. FR−4 @ 100 mm2, 1 oz. copper traces.
2. FR−4 @ 500 mm2, 1 oz. copper traces.
Device
Package
Shipping†
ORDERING INFORMATION
NSS12201LT1G
SOT−23
(Pb−Free)
3000/Tape & Reel
MARKING DIAGRAM
SOT−23 (TO−236)
CASE 318
STYLE 6
3
2
1
www.onsemi.com
12 VOLTS, 4.0 AMPS
NPN LOW VCE(sat) TRANSISTOR
EQUIVALENT RDS(on) 35 mW
†For information on tape and reel specifications,
including part orientation and tape sizes, please
refer to our Tape and Reel Packaging Specification
Brochure, BRD8011/D.
1
VF M G
G
VF = Specific Device Code
M
= Date Code*
G
= Pb−Free Package
*Date Code orientation and/or overbar may
vary depending upon manufacturing location.
COLLECTOR
3
1
BASE
2
EMITTER
(Note: Microdot may be in either location)


Similar Part No. - SS12T3

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
SS12T3 ONSEMI-SS12T3 Datasheet
63Kb / 4P
Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
64Kb / 4P
Surface Mount Schottky Power Rectifier
July, 2005 ??Rev. 3
SS12T3 ONSEMI-SS12T3 Datasheet
58Kb / 4P
Power MOSFET 170 mAmps, 100 Volts
March, 2005 ??Rev. 5
SS12T3 ONSEMI-SS12T3 Datasheet
63Kb / 6P
12 V, 3 A, Low VCE(sat) PNP Transistor
June, 2005 ??Rev. 0
SS12T3 ONSEMI-SS12T3 Datasheet
102Kb / 5P
12 V, 6.0 A, Low VCE(sat) PNP Transistor
September, 2006 ??Rev. 0
More results

Similar Description - SS12T3

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
DUAL TRANSISTOR(NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
DUAL TRANSISTOR(NPNNPN)
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
DUAL TRANSISTOR (NPNNPN)
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
DUAL TRANSISTOR (NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com