Electronic Components Datasheet Search
  English  ▼

X  

SS12T3 Datasheet(PDF) 3 Page - ON Semiconductor

Part # SS12T3
Description  NPN Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 3 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
NSS12201LT1G
www.onsemi.com
3
TYPICAL CHARACTERISTICS
Figure 1. Collector Emitter Saturation Voltage
vs. Collector Current
Figure 2. Collector Emitter Saturation Voltage
vs. Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
0
0.05
0.1
0.15
0.2
10
1
0.1
0.01
0.001
0
0.05
0.1
0.15
0.2
0.25
Figure 3. DC Current Gain vs. Collector
Current
Figure 4. Base Emitter Saturation Voltage vs.
Collector Current
IC, COLLECTOR CURRENT (A)
IC, COLLECTOR CURRENT (A)
10
1
0.1
0.01
0.001
125
175
225
325
375
425
525
575
10
1
0.1
0.01
0.001
0.3
0.4
0.5
0.6
0.7
0.8
1.0
1.1
Figure 5. Base Emitter Turn−On Voltage vs.
Collector Current
Figure 6. Saturation Region
IC, COLLECTOR CURRENT (A)
IB, BASE CURRENT (mA)
10
1
0.1
0.01
0.001
0.1
0.2
0.3
0.4
0.5
0.6
0.9
1.0
100
10
1
0.1
0.01
0
0.2
0.4
0.6
0.8
1.0
IC/IB = 10
150°C
25°C
−55°C
IC/IB = 100
150°C
25°C
−55°C
150°C (5.0 V)
150°C (2.0 V)
25°C (5.0 V)
25°C (2.0 V)
−55°C (5.0 V)
−55°C (2.0 V)
0.9
150°C
25°C
−55°C
150°C
25°C
−55°C
0.7
0.8
IC = 500 mA
300 mA
100 mA
10 mA
IC/IB = 10
275
475
VCE = 2.0 V



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com