Electronic Components Datasheet Search
  English  ▼

X  

SS12T3 Datasheet(PDF) 2 Page - ON Semiconductor

Part # SS12T3
Description  NPN Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

SS12T3 Datasheet(HTML) 2 Page - ON Semiconductor

  SS12T3 Datasheet HTML 1Page - ON Semiconductor SS12T3 Datasheet HTML 2Page - ON Semiconductor SS12T3 Datasheet HTML 3Page - ON Semiconductor SS12T3 Datasheet HTML 4Page - ON Semiconductor SS12T3 Datasheet HTML 5Page - ON Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
NSS12201LT1G
www.onsemi.com
2
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Typ
Max
Unit
OFF CHARACTERISTICS
Collector−Emitter Breakdown Voltage
(IC = 10 mAdc, IB = 0)
V(BR)CEO
12
−
−
Vdc
Collector−Base Breakdown Voltage
(IC = 0.1 mAdc, IE = 0)
V(BR)CBO
12
−
−
Vdc
Emitter−Base Breakdown Voltage
(IE = 0.1 mAdc, IC = 0)
V(BR)EBO
6.0
−
−
Vdc
Collector Cutoff Current
(VCB = 12 Vdc, IE = 0)
ICBO
−
−
0.1
mAdc
Emitter Cutoff Current
(VEB = 6.0 Vdc)
IEBO
−
−
0.1
mAdc
ON CHARACTERISTICS
DC Current Gain (Note 3)
(IC = 10 mA, VCE = 2.0 V)
(IC = 500 mA, VCE = 2.0 V)
(IC = 1.0 A, VCE = 2.0 V)
(IC = 2.0 A, VCE = 2.0 V)
hFE
200
200
200
200
−
330
−
−
−
−
−
−
Collector−Emitter Saturation Voltage (Note 3)
(IC = 0.1 A, IB = 0.01 A)
(IC = 1.0 A, IB = 0.100 A)
(IC = 1.0 A, IB = 0.010 A)
(IC = 2.0 A, IB = 0.2 A)
VCE(sat)
−
−
−
−
0.003
0.035
0.053
0.068
0.008
0.050
0.080
0.090
V
Base −Emitter Saturation Voltage (Note 3)
(IC = 1.0 A, IB = 10 mA)
VBE(sat)
−
0.760
0.900
V
Base −Emitter Turn−on Voltage (Note 3)
(IC = 1.0 A, VCE = 2.0 V)
VBE(on)
−
0.750
0.900
V
Cutoff Frequency
(IC = 100 mA, VCE = 5.0 V, f = 100 MHz)
fT
150
−
−
MHz
Input Capacitance (VEB = 0.5 V, f = 1.0 MHz)
Cibo
−
−
450
pF
Output Capacitance (VCB = 3.0 V, f = 1.0 MHz)
Cobo
−
−
75
pF
SWITCHING CHARACTERISTICS
Delay (VCC = 10 V, IC = 750 mA, IB1 = 15 mA)
td
−
−
100
ns
Rise (VCC = 10 V, IC = 750 mA, IB1 = 15 mA)
tr
−
−
100
ns
Storage (VCC = 10 V, IC = 750 mA, IB1 = 15 mA)
ts
−
−
350
ns
Fall (VCC = 10 V, IC = 750 mA, IB1 = 15 mA)
tf
−
−
110
ns
Product parametric performance is indicated in the Electrical Characteristics for the listed test conditions, unless otherwise noted. Product
performance may not be indicated by the Electrical Characteristics if operated under different conditions.
3. Pulsed Condition: Pulse Width = 300 msec, Duty Cycle ≤ 2%.



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com