Electronic Components Datasheet Search
  English  ▼

X  

ADuM262N Datasheet(PDF) 13 Page - Analog Devices

Part # ADuM262N
Description  High common-mode transient immunity: 100 kV/關s
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM262N Datasheet(HTML) 13 Page - Analog Devices

Back Button ADuM262N Datasheet HTML 9Page - Analog Devices ADuM262N Datasheet HTML 10Page - Analog Devices ADuM262N Datasheet HTML 11Page - Analog Devices ADuM262N Datasheet HTML 12Page - Analog Devices ADuM262N Datasheet HTML 13Page - Analog Devices ADuM262N Datasheet HTML 14Page - Analog Devices ADuM262N Datasheet HTML 15Page - Analog Devices ADuM262N Datasheet HTML 16Page - Analog Devices ADuM262N Datasheet HTML 17Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
Data Sheet
ADuM260N/ADuM261N/ADuM262N/ADuM263N
Rev. 0 | Page 13 of 23
ABSOLUTE MAXIMUM RATINGS
TA = 25°C, unless otherwise noted.
Table 14.
Parameter
Rating
Storage Temperature (TST) Range
−65°C to +150°C
Ambient Operating Temperature
(TA) Range
−40°C to +125°C
Supply Voltages (VDD1, VDD2)
−0.5 V to +7.0 V
Input Voltages (VIA, VIB, VIC, VID, VIE,
VIF)
−0.5 V to VDDI1 + 0.5 V
Output Voltages (VOA, VOB, VOC, VOD, VOE,
VOF)
−0.5 V to VDDO2 + 0.5 V
Average Output Current per Pin3
Side 1 Output Current (IO1)
−10 mA to +10 mA
Side 2 Output Current (IO2)
−10 mA to +10 mA
Common-Mode Transients4
−150 kV/μs to +150 kV/μs
1 VDDI is the input side supply voltage.
2 VDDO is the output side supply voltage.
3 See Figure 5 for the maximum rated current values for various temperatures.
4 Refers to the common-mode transients across the insulation barrier.
Common-mode transients exceeding the absolute maximum ratings may
cause latch-up or permanent damage.
Stresses at or above those listed under Absolute Maximum
Ratings may cause permanent damage to the product. This is a
stress rating only; functional operation of the product at these
or any other conditions above those indicated in the operational
section of this specification is not implied. Operation beyond
the maximum operating conditions for extended periods may
affect product reliability.
ESD CAUTION
Table 15. Maximum Continuous Working Voltage1
Parameter
Rating
Constraint
AC Voltage
Bipolar Waveform
Basic Insulation
849 V peak
50-year minimum insulation lifetime
Reinforced Insulation
819 V peak
Lifetime limited by package creepage maximum approved working voltage per IEC 60950-1
Unipolar Waveform
Basic Insulation
1698 V peak
50-year minimum insulation lifetime
Reinforced Insulation
943 V peak
Lifetime limited by package creepage maximum approved working voltage per IEC 60950-1
DC Voltage
Basic Insulation
1157 V peak
Lifetime limited by package creepage maximum approved working voltage per IEC 60950-1
Reinforced Insulation
579 V peak
Lifetime limited by package creepage maximum approved working voltage per IEC 60950-1
1 Refers to the continuous voltage magnitude imposed across the isolation barrier. See the Insulation Lifetime section for more details.
Truth Table
Table 16. ADuM260N/ADuM261N/ADuM262N/ADuM263N Truth Table (Positive Logic)
VIx Input1, 2
VDDI State2
VDDO State2
Default Low (N0),
VOx Output1, 2,3
Default High (N1),
VOx Output1, 2,3
Test Conditions/Comments
L
Powered
Powered
L
L
Normal operation
H
Powered
Powered
H
H
Normal operation
L
Unpowered
Powered
L
H
Fail-safe output
X4
Powered
Unpowered
Indeterminate
Indeterminate
Output Unpowered
1 L means low, H means high, and X means don’t care.
2 VIx and VOx refer to the input and output signals of a given channel (A, B, C, D, E or F). VDDI and VDDO refer to the supply voltages on the input and output sides of the
given channel, respectively.
3 N0 refers to the ADuM260N0/ADuM261N0/ADuM262N0/ADuM263N0 models. N1 refers to the ADuM260N1/ADuM261N1/ADuM262N1/ADuM263N1 models. See the
Ordering Guide section.
4 Input pins (VIx) on the same side as an unpowered supply must be in a low state to avoid powering the device through its ESD protection circuitry.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com