Electronic Components Datasheet Search
  English  ▼

X  

ADuM262N Datasheet(PDF) 2 Page - Analog Devices

Part # ADuM262N
Description  High common-mode transient immunity: 100 kV/關s
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM262N Datasheet(HTML) 2 Page - Analog Devices

  ADuM262N Datasheet HTML 1Page - Analog Devices ADuM262N Datasheet HTML 2Page - Analog Devices ADuM262N Datasheet HTML 3Page - Analog Devices ADuM262N Datasheet HTML 4Page - Analog Devices ADuM262N Datasheet HTML 5Page - Analog Devices ADuM262N Datasheet HTML 6Page - Analog Devices ADuM262N Datasheet HTML 7Page - Analog Devices ADuM262N Datasheet HTML 8Page - Analog Devices ADuM262N Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 23 page
background image
ADuM260N/ADuM261N/ADuM262N/ADuM263N
Data Sheet
Rev. 0 | Page 2 of 23
TABLE OF CONTENTS
Features .............................................................................................. 1
 
Applications....................................................................................... 1
 
General Description ......................................................................... 1
 
Functional Block Diagrams............................................................. 1
 
Revision History ............................................................................... 2
 
Specifications..................................................................................... 3
 
Electrical Characteristics—5 V Operation................................ 3
 
Electrical Characteristics—3.3 V Operation ............................ 5
 
Electrical Characteristics—2.5 V Operation ............................ 7
 
Electrical Characteristics—1.8 V Operation ............................ 9
 
Insulation and Safety Related Specifications .......................... 11
 
Package Characteristics ............................................................. 11
 
Regulatory Information............................................................. 11
 
DIN V VDE V 0884-10 (VDE V 0884-10) Insulation
Characteristics ............................................................................ 12
 
Recommended Operating Conditions .................................... 12
 
Absolute Maximum Ratings ......................................................... 13
 
ESD Caution................................................................................ 13
 
Pin Configurations and Function Descriptions ......................... 14
 
Typical Performance Characteristics ........................................... 18
 
Theory of Operation ...................................................................... 20
 
Applications Information .............................................................. 21
 
PCB Layout ................................................................................. 21
 
Propagation Delay Related Parameters ................................... 21
 
Jitter Measurement..................................................................... 21
 
Insulation Lifetime ..................................................................... 21
 
Outline Dimensions ....................................................................... 23
 
Ordering Guide .......................................................................... 23
 
REVISION HISTORY
12/2016—Revision 0: Initial Version



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com