Electronic Components Datasheet Search
  English  ▼

X  

ADuM262N Datasheet(PDF) 18 Page - Analog Devices

Part # ADuM262N
Description  High common-mode transient immunity: 100 kV/關s
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuM262N Datasheet(HTML) 18 Page - Analog Devices

Back Button ADuM262N Datasheet HTML 14Page - Analog Devices ADuM262N Datasheet HTML 15Page - Analog Devices ADuM262N Datasheet HTML 16Page - Analog Devices ADuM262N Datasheet HTML 17Page - Analog Devices ADuM262N Datasheet HTML 18Page - Analog Devices ADuM262N Datasheet HTML 19Page - Analog Devices ADuM262N Datasheet HTML 20Page - Analog Devices ADuM262N Datasheet HTML 21Page - Analog Devices ADuM262N Datasheet HTML 22Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 23 page
background image
ADuM260N/ADuM261N/ADuM262N/ADuM263N
Data Sheet
Rev. 0 | Page 18 of 23
TYPICAL PERFORMANCE CHARACTERISTICS
25
20
15
10
5
0
0
20406080
100
120
140
160
DATA RATE (Mbps)
5V
3.3V
2.5V
1.8V
Figure 10. ADuM260N IDD1 Supply Current vs. Data Rate at Various Voltages
25
20
15
10
5
0
0
20406080
100
120
140
160
DATA RATE (Mbps)
5V
3.3V
2.5V
1.8V
Figure 11. ADuM260N IDD2 Supply Current vs. Data Rate at Various Voltages
DATA RATE (Mbps)
25
20
15
10
5
0
0
20
40
60
80
100
120
140
160
5V
3.3V
2.5V
1.8V
Figure 12. ADuM261N IDD1 Supply Current vs. Data Rate at Various Voltages
DATA RATE (Mbps)
25
20
15
10
5
0
0
20
40
60
80
100
120
140
160
5V
3.3V
2.5V
1.8V
Figure 13. ADuM261N IDD2 Supply Current vs. Data Rate at Various Voltages
25
20
15
10
5
0
0
20
40
60
80
100
120
140
160
5V
3.3V
2.5V
1.8V
DATA RATE (Mbps)
Figure 14. ADuM262N IDD1 Supply Current vs. Data Rate at Various Voltages
25
20
15
10
5
0
0
20
40
60
80
100
120
140
160
5V
3.3V
2.5V
1.8V
DATA RATE (Mbps)
Figure 15. ADuM262N IDD2 Supply Current vs. Data Rate at Various Voltages



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com