Electronic Components Datasheet Search
  English  ▼

X  

AS3677 Datasheet(PDF) 25 Page - ams AG

Part # AS3677
Description  High-efficiency step up DC/DC converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 25 Page - ams AG

Back Button AS3677_17 Datasheet HTML 21Page - ams AG AS3677_17 Datasheet HTML 22Page - ams AG AS3677_17 Datasheet HTML 23Page - ams AG AS3677_17 Datasheet HTML 24Page - ams AG AS3677_17 Datasheet HTML 25Page - ams AG AS3677_17 Datasheet HTML 26Page - ams AG AS3677_17 Datasheet HTML 27Page - ams AG AS3677_17 Datasheet HTML 28Page - ams AG AS3677_17 Datasheet HTML 29Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 25 / 106 page
background image
ams Datasheet
Page 25
[v1-32] 2016-Sep-27
Document Feedback
AS3677 − Detailed Description
Figure 32:
Curr Low Voltage Status1 Register
Figure 33:
Curr Low Voltage Status2 Register
Addr: 2Ah
Curr Low Voltage Status1
Indicates the low voltage status of the current sinks. If the
currX_low_v bit is set, the voltage on the current sink is too low, to
drive the selected output current
Bit
Bit Name
Default
Access
Description
4
rgb1_low_v
NA
R
0
Voltage of current Sink RGB1 >currlv_switch
1
Voltage of current Sink RGB1 <currlv_switch
5
rgb2_low_v
NA
R
0
Voltage of current Sink RGB2 >currlv_switch
1
Voltage of current Sink RGB2 <currlv_switch
6
rgb3_low_v
NA
R
0
Voltage of current Sink RGB3 >currlv_switch
1
Voltage of current Sink RGB31 <currlv_switch
7
curr6_low_v
NA
R
0
Voltage of current Sink CURR6 >currlv_switch
1
Voltage of current Sink CURR6 <currlv_switch
Addr: 2Bh
Curr Low Voltage Status2
Indicates the low voltage status of the current sinks. If the
currX_low_v bit is set, the voltage on the current sink is too low, to
drive the selected output current
Bit
Bit Name
Default
Access
Description
0
curr1_low_v
NA
R
0
Voltage of current Sink CURR1 >currhv_switch.
1
Voltage of current Sink CURR1 <currhv_switch.
1
curr2_low_v
NA
R
0
Voltage of current Sink CURR2 >currhv_switch.
1
Voltage of current Sink CURR2 <currhv_switch.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com