Electronic Components Datasheet Search
  English  ▼

X  

AS3677 Datasheet(PDF) 34 Page - ams AG

Part # AS3677
Description  High-efficiency step up DC/DC converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 34 Page - ams AG

Back Button AS3677_17 Datasheet HTML 30Page - ams AG AS3677_17 Datasheet HTML 31Page - ams AG AS3677_17 Datasheet HTML 32Page - ams AG AS3677_17 Datasheet HTML 33Page - ams AG AS3677_17 Datasheet HTML 34Page - ams AG AS3677_17 Datasheet HTML 35Page - ams AG AS3677_17 Datasheet HTML 36Page - ams AG AS3677_17 Datasheet HTML 37Page - ams AG AS3677_17 Datasheet HTML 38Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 106 page
background image
Page 34
ams Datasheet
Document Feedback
[v1-32] 2016-Sep-27
AS3677 − Detailed Description
Figure 46:
RGB3 Current Register
LED Pattern Generator
The LED pattern generator is capable of producing a pattern
with 32 bits length and 1 second duration (31.25ms for each
bit). The pattern itself can be started every second, every 2nd,
3rd up to 7th second3.
With this pattern all current sinks can be controlled. The pattern
itself switches the configured current sources between 0 and
their programmed current.
If everything else is switched OFF, the current consumption in
this mode is IACTIVE. (excluding current through switched ON
current source) and the charge pump, if required. The charge
pump can be automatically switched ON/OFF depending on the
pattern (set register cp_auto_on =1) to reduce the overall
current consumption.
Figure 47:
LED Pattern Generator AS3677 for pattern_color = 0
Addr: 0Dh
RGB3 Current
This register controls the RGB current sink current
Bit
Bit Name
Default
Access
Description
7:0
rgb3_current
0R/W
Defines current into Current sink RGB3
00h
0 mA
01h
0.1 mA
....
.....
FFh
25.5 mA
3. All times can be extended by a factor of 8 by setting pattern_slow=1 (this result in a delay of up to 56s)
any current sink
1 2 3 4 56 78 9 ... 32
I
t
12 3 4 56
At this time a delay of 0s,1s,2s,...,8s,16s,24s,32s,40s,48s,56s
can be programmed
78 9...
Defined by bit in the setup register pattern_data
in this example the code is 101110011...
31.25ms
(250ms if pattern_slow=1)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com