Electronic Components Datasheet Search
  English  ▼

X  

AS3677 Datasheet(PDF) 46 Page - ams AG

Part # AS3677
Description  High-efficiency step up DC/DC converter
PDF  106 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

AS3677 Datasheet(HTML) 46 Page - ams AG

Back Button AS3677_17 Datasheet HTML 42Page - ams AG AS3677_17 Datasheet HTML 43Page - ams AG AS3677_17 Datasheet HTML 44Page - ams AG AS3677_17 Datasheet HTML 45Page - ams AG AS3677_17 Datasheet HTML 46Page - ams AG AS3677_17 Datasheet HTML 47Page - ams AG AS3677_17 Datasheet HTML 48Page - ams AG AS3677_17 Datasheet HTML 49Page - ams AG AS3677_17 Datasheet HTML 50Page - ams AG Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 106 page
background image
Page 46
ams Datasheet
Document Feedback
[v1-32] 2016-Sep-27
AS3677 − Detailed Description
Figure 65:
Adder Current3 Register
Figure 66:
Adder Enable2 Register
Addr: 32h
Adder Current3
This register defines the current which can be added to CURR6,
CURR32, CURR43, RGB3
Bit
Bit Name
Default
Access
Description
7:0
adder_current3
00b
R/W
Selects the added current value – do not exceed
together with currX_current the internal 8 Bit range
00h
0 (represents 0mA)
.....
....
FFh
255 (represents 25.5mA)
Addr: 34h
Adder Enable2
Enables the adder circuit for the selected current sources
Bit
Bit Name
Default
Access
Description
0
curr1_adder
0
R/W
Enables adder circuit for current source CURR1
0
Normal Operation of the current source
1
adder_current1 gets added to the current source
current; if curr1_amb_group is not 00, the adder
current is multiplied by the ALS group selected by
curr1_amb_group
1
curr2_adder
0
R/W
Enables adder circuit for current source CURR2
0
Normal Operation of the current source
1
adder_current2 gets added to the current source
current; if curr2_amb_group is not 00, the adder
current is multiplied by the ALS group selected by
curr2_amb_group
2
curr6_adder
0
R/W
Enables adder circuit for current source CURR6
0
Normal Operation of the current source
1
adder_current3 gets added to the current source
current; if curr6_amb_group is not 00, the adder
current is multiplied by the ALS group selected by
curr6_amb_group



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com