Electronic Components Datasheet Search
  English  ▼

X  

ADS5103 Datasheet(PDF) 15 Page - Texas Instruments

Part # ADS5103
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5103 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADS5103 Datasheet HTML 11Page - Texas Instruments ADS5103 Datasheet HTML 12Page - Texas Instruments ADS5103 Datasheet HTML 13Page - Texas Instruments ADS5103 Datasheet HTML 14Page - Texas Instruments ADS5103 Datasheet HTML 15Page - Texas Instruments ADS5103 Datasheet HTML 16Page - Texas Instruments ADS5103 Datasheet HTML 17Page - Texas Instruments ADS5103 Datasheet HTML 18Page - Texas Instruments ADS5103 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
15
www.ti.com
TYPICAL CHARACTERISTICS
Figure 27
35
40
45
50
55
60
65
70
75
80
30
35
40
45
50
55
60
65
70
ADS5102
SFDR, SINAD
vs
CLOCK DUTY CYCLE
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 65 MHz
fi = 32.49 MHz at –1 dBFS
Clock Duty Cycle – %
SINAD
SFDR
Figure 28
45
50
55
60
65
70
75
30
35
40
45
50
55
60
65
70
ADS5103
SFDR, SINAD
vs
CLOCK DUTY CYCLE
AVDD = DVDD = 1.8 V
DRVDD = 3.3 V
Fclk = 40 MHz
fi = 19.99 MHz at –1 dBFS
Clock Duty Cycle – %
SINAD
SFDR
PRINCIPLES OF OPERATION
analog-to-digital converter
The ADS5102/3 is designed using a switched capacitor pipeline architecture fabricated in CMOS process. The
pipeline architecture is implemented with 10 stages, thus allowing for high conversion speed and exceptionally
low power. Each of these 10 stages produces one digital bit per stage. Both rising and falling edges of the clock
are used so the signal propagates thru the pipeline every half clock or five total clocks. Digital error correction
uses another 1/2 clock cycle at the end; thus the total pipeline latency is 5.5 clocks. (Refer to timing diagram
on page 7)
10-stage operation
The signal is sampled by the SHA. The first stage is digitized by 1.5 bits and sent to the digital error correction
block. This digitized value is then applied to a DAC, which recreates the analog value that has been digitized.
This value is then fed into a summing junction with the original input signal. The summing junction subtracts the
converted value from the original signal. This is known as the residue voltage. This residue voltage is then
amplified by a factor of 2x and transferred to the next stage. This is repeated for each of the 10 stages.
Each of the 10 pipeline stages, as well as the sample and hold amplifier, is differential in nature. This allows
rejection of any common mode signal. Thus a signal seen on Ain+ and Ain– is differentially seen as 0 V on the
output. This fully differential architecture allows higher ac performance of the ADC by reducing noise
susceptibility.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com