Electronic Components Datasheet Search
  English  ▼

X  

ADS5103 Datasheet(PDF) 17 Page - Texas Instruments

Part # ADS5103
Description  1.8-V ANALOG SUPPLY, 10-BIT, 65/40 MSPS ANALOG-TO-DIGITAL CONVERTERS WITH INTERNAL REFERENCE
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5103 Datasheet(HTML) 17 Page - Texas Instruments

Back Button ADS5103 Datasheet HTML 13Page - Texas Instruments ADS5103 Datasheet HTML 14Page - Texas Instruments ADS5103 Datasheet HTML 15Page - Texas Instruments ADS5103 Datasheet HTML 16Page - Texas Instruments ADS5103 Datasheet HTML 17Page - Texas Instruments ADS5103 Datasheet HTML 18Page - Texas Instruments ADS5103 Datasheet HTML 19Page - Texas Instruments ADS5103 Datasheet HTML 20Page - Texas Instruments ADS5103 Datasheet HTML 21Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 23 page
background image
ADS5102
ADS5103
SLAS351B – OCTOBER 2001 – REVISED DECEMBER 2001
17
www.ti.com
PRINCIPLES OF OPERATION
100 k
Ω
BG
1
µF
AVDD
Figure 30. BG Reference Configuration
For systems that require more absolute accuracy or lower temperature coefficient drift than provided by the
internal VREF, an external voltage reference can be applied to the VREFB and VREFT inputs. To use external
reference, connect the PDREF pin to a logic high and this internally disconnects the VREF from the ADC. In
this mode it is also necessary to connect the BG and REFT pins together on the PWB. It is recommended to
use the input levels of VREFB = 0.75 V and VREFB = 1.25 V to achieve optimum ADC performance. It is also
recommended to apply a common-mode voltage to the input of 1 V.
clock input
The clock input is designed for 1.8 V or 3.3 V CMOS logic levels (depends on DRVDD) and it is recommended
to use standard CMOS logic levels as inputs. The logic threshold internally is set to DRVDD/2 or nominally 1.65
V. Since both edges of the clock are used in the switch capacitor architecture, it is important to provide a clock
with (ideally) a 50% duty cycle. The performance variation with clock duty cycle can be examined from
Figures 25, 26, 27 and 28.
Clock jitter is also important for performance of the ADC to be maintained. Any clock jitter appears as noise when
sampling input frequencies. Clock Jitter reduces the signal to noise ratio (SNR) and is more severe as the input
frequency increases. The theoretical SNR limits based on clock jitter can be calculated as follows:
Theoretical SNR
(clock jitter)
(dB)
+ 20 log
1
2
p
F
I
CLK
(jitter)
Where:
FI = Highest input frequency to the ADC in Hz
CLK(jitter) = the amount of jitter on the clock in sec
Therefore for a Nyquist frequency input of 32.5 MHz and a design trying to achieve the most available
performance from the ADS5102/3, the clock jitter must be less than 3.98 ps rms. In under sampling applications,
the same equations apply and clock jitter becomes more critical and may be the limiting factor in system
performance. The aperture jitter of the SHA also contributes to overall jitter. For worst case designs, the jitter
of clock and aperture can be considered to add in quadrature, i.e.
Total Jitter = Square root of ( CLKjitter2 + Aperturejitter 2)
The aperture jitter of the ADS5103 is 2 ps rms and at frequencies approaching Nyquist, the total jitter should
be accounted for.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com